Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30KP26 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # 30KP26
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

30KP26 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  30KP26 Datasheet HTML 1Page - EIC discrete Semiconductors 30KP26 Datasheet HTML 2Page - EIC discrete Semiconductors 30KP26 Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Rating at 25 °C ambient temperature unless otherwise specified)
Reverse
Breakdown
Maximum
Maximum
Maximum
Maximum V(BR)
Part
Part
Stand Off
Voltage @ I(BR)
Reverse
Clamping
Peak Pulse
Temperature
Number
Number
Voltage
Leakage @ VWM Voltage @ IPP
Current
Coefficient
(Uni-directional)
(Bi-directional)
VWM
VBR (V)
I(BR)
ID
VC
IPP
αV(BR)
(V)
Min.
Max.
(mA)
(μA)
(V)
(A)
(mV/°C)
30KP22
30KP22C
22
24.4
29.8
50
10000
41.1
730
27
30KP22A
30KP22CA
22
24.4
26.9
50
10000
37.1
808
24
30KP24
30KP24C
24
26.7
32.6
50
10000
45.0
666
30
30KP24A
30KP24CA
24
26.7
29.5
50
10000
40.7
738
27
30KP26
30KP26C
26
28.9
35.3
50
10000
48.7
616
32
30KP26A
30KP26CA
26
28.9
31.9
50
10000
44.0
682
29
30KP28
30KP28C
28
31.1
38.0
50
8000
52.4
572
35
30KP28A
30KP28CA
28
31.1
34.4
50
8000
47.5
632
31
30KP30
30KP30C
30
33.3
40.7
50
8000
56.2
534
37
30KP30A
30KP30CA
30
33.3
36.9
50
8000
50.7
592
33
30KP33
30KP33C
33
36.7
44.9
50
5000
64.6
496
42
30KP33A
30KP33CA
33
36.7
40.6
50
5000
58.6
548
38
30KP36
30KP36C
36
40.0
48.9
50
5000
68.2
454
46
30KP36A
30KP36CA
36
40.0
44.2
50
5000
61.8
502
41
30KP40
30KP40C
40
44.4
54.3
20
1500
75.8
412
51
30KP40A
30KP40CA
40
44.4
49.1
20
1500
68.6
456
46
30KP43
30KP43C
43
47.8
58.4
10
500
79.0
380
55
30KP43A
30KP43CA
43
47.8
52.8
10
500
71.0
430
50
30KP45
30KP45C
45
50.0
61.1
5
150
80.7
372
57
30KP45A
30KP45CA
45
50.0
55.3
5
150
73.0
410
52
30KP48
30KP48C
48
53.3
65.1
5
150
85.9
350
62
30KP48A
30KP48CA
48
53.3
58.9
5
150
77.7
386
56
30KP51
30KP51C
51
56.7
69.3
5
50
91.5
328
66
30KP51A
30KP51CA
51
56.7
62.7
5
50
82.8
362
60
30KP54
30KP54C
54
60.0
73.3
5
25
96.8
310
70
30KP54A
30KP54CA
54
60.0
66.3
5
25
87.5
342
63
30KP58
30KP58C
58
64.4
78.7
5
15
104
288
76
30KP58A
30KP58CA
58
64.4
71.2
5
15
94
320
68
30KP60
30KP60C
60
66.7
81.5
5
15
107
280
78
30KP60A
30KP60CA
60
66.7
73.7
5
15
97.3
304
71
30KP64
30KP64C
64
71.1
86.9
5
10
115
260
84
30KP64A
30KP64CA
64
71.1
78.6
5
10
104
288
76
30KP70
30KP70C
70
77.8
95.1
5
10
126
238
92
30KP70A
30KP70CA
70
77.8
86.0
5
10
114
264
83
30KP75
30KP75C
75
83.3
102
5
10
135
222
100
30KP75A
30KP75CA
75
83.3
92.1
5
10
122
246
89
30KP78
30KP78C
78
86.7
106
5
10
140
214
104
30KP78A
30KP78CA
78
86.7
95.8
5
10
126
238
93
30KP85
30KP85C
85
94.4
115
5
10
152
198
113
30KP85A
30KP85CA
85
94.4
104
5
10
137
218
102
30KP90
30KP90C
90
100
122
5
10
160
188
120
30KP90A
30KP90CA
90
100
111
5
10
146
206
109
30KP100
30KP100C
100
111
136
5
10
179
168
134
30KP100A
30KP100CA
100
111
123
5
10
162
186
121
Page 2 of 3
Rev. 05 : June 17, 2009
IATF 0060636
SGS TH07/1033
TH09/2479
TH97/2478


Similar Part No. - 30KP26

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
30KP26 DIGITRON-30KP26 Datasheet
152Kb / 4P
   30kW TRANSIENT VOLTAGE SUPPRESSOR
30KP26 DIGITRON-30KP26 Datasheet
210Kb / 5P
   30kW TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
30KP26 SUNMATE-30KP26 Datasheet
774Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
30KP260A MDE-30KP260A Datasheet
83Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
30KP260A MCC-30KP260A Datasheet
319Kb / 4P
   30000 Watts Transient Voltage Suppressor 28 to 288 Volt
More results

Similar Description - 30KP26

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com