Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC24HJ16GP304 Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC24HJ16GP304
Description  High-Performance, 16-bit Microcontrollers
Download  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ16GP304 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC24HJ16GP304 Datasheet HTML 7Page - Microchip Technology PIC24HJ16GP304 Datasheet HTML 8Page - Microchip Technology PIC24HJ16GP304 Datasheet HTML 9Page - Microchip Technology PIC24HJ16GP304 Datasheet HTML 10Page - Microchip Technology PIC24HJ16GP304 Datasheet HTML 11Page - Microchip Technology PIC24HJ16GP304 Datasheet HTML 12Page - Microchip Technology PIC24HJ16GP304 Datasheet HTML 13Page - Microchip Technology PIC24HJ16GP304 Datasheet HTML 14Page - Microchip Technology PIC24HJ16GP304 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 272 page
background image
© 2011 Microchip Technology Inc.
DS70289G-page 11
PIC24HJ32GP202/204 AND PIC24HJ16GP304
1.0
DEVICE OVERVIEW
This document contains device-specific information for
the following devices:
• PIC24HJ32GP202
• PIC24HJ32GP204
• PIC24HJ16GP304
Figure 1-1 shows a general block diagram of the core
and peripheral modules in the PIC24HJ32GP202/204
and PIC24HJ16GP304 family of devices. Table 1-1
lists the functions of the various pins shown in the
pinout diagrams.
Note 1: This data sheet summarizes the features
of
the
PIC24HJ32GP202/204
and
PIC24HJ16GP304 devices. It is not
intended to be a comprehensive refer-
ence source. To complement the infor-
mation in this data sheet, refer to the
“dsPIC33F/PIC24H
Family
Reference
Manual”. Please see the Microchip web
site (www.microchip.com) for the latest
dsPIC33F/PIC24H
Family
Reference
Manual sections.
2: Some registers and associated bits
described in this section may not be
available
on
all
devices.
Refer
to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.


Similar Part No. - PIC24HJ16GP304

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24HJ16GP304 MICROCHIP-PIC24HJ16GP304 Datasheet
4Mb / 290P
   16-bit Microcontrollers (up to 32 KB Flash and 2 KB SRAM) with Advanced Analog
11/29/11
PIC24HJ16GP304 MICROCHIP-PIC24HJ16GP304 Datasheet
3Mb / 274P
   High-Performance, 16-bit Microcontrollers
05/02/11
PIC24HJ16GP304-E MICROCHIP-PIC24HJ16GP304-E Datasheet
3Mb / 274P
   High-Performance, 16-bit Microcontrollers
05/02/11
More results

Similar Description - PIC24HJ16GP304

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
70592C MICROCHIP-70592C Datasheet
4Mb / 314P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ128GP206-I MICROCHIP-PIC24HJ128GP206-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A Datasheet
4Mb / 294P
   High-Performance, 16-Bit Microcontrollers
2009
PIC24HJ64GP206A-I MICROCHIP-PIC24HJ64GP206A-I Datasheet
2Mb / 304P
   High-Performance,16-bit Microcontrollers
03/26/09
PIC24HJ128GP510-I MICROCHIP-PIC24HJ128GP510-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06 MICROCHIP-PIC24HJXXXGPX06 Datasheet
4Mb / 286P
   High-Performance, 16-Bit Microcontrollers
2007
DSPIC33FJ32GP202 MICROCHIP-DSPIC33FJ32GP202 Datasheet
3Mb / 252P
   High-Performance, 16-Bit Microcontrollers
2007
PIC24HJ12GP201 MICROCHIP-PIC24HJ12GP201 Datasheet
3Mb / 234P
   High-Performance, 16-Bit Microcontrollers
2007
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202 Datasheet
3Mb / 244P
   High-Performance, 16-bit Microcontrollers
2007
PIC24HJ128GP310-I MICROCHIP-PIC24HJ128GP310-I Datasheet
4Mb / 292P
   High-Performance, 16-Bit Microcontrollers
02/04/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com