Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFB36A0336KJC Datasheet(PDF) 1 Page - AVX Corporation

Part # FFB36A0336KJC
Description  Medium Power Film Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

FFB36A0336KJC Datasheet(HTML) 1 Page - AVX Corporation

  FFB36A0336KJC Datasheet HTML 1Page - AVX Corporation FFB36A0336KJC Datasheet HTML 2Page - AVX Corporation FFB36A0336KJC Datasheet HTML 3Page - AVX Corporation FFB36A0336KJC Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Medium Power Film Capacitors
FFB (RoHS Compliant)
The FFB series uses a non-impregnated metallized
polypropylene or polyester dielectric with the controlled
self-healing process, specially treated to have a very high
dielectric strength in operating conditions up to 105°C.
The FFB has been designed for printed circuit board mount-
ing. Furthermore, their performances allow to be a very inter-
esting alternative to electrolytic technology because they
can withstand much higher levels of surge voltage.
APPLICATIONS
The FFB capacitor is particularly designed for DC filtering,
low reactive power.
HOT SPOT CALCULATION
See Hot Spot Temperature, page 3.
θhot spot = θambient + (Pd + Pt) x Rth
with
Pd (Dielectric losses) = Q x tg
δ0
Q x tg
δ0 ⇒ [ 12 x Cn x (Vpeak to peak)2 x f ] x tgδ0
tg
δ0 (tan delta)
For polypropylene, tg
δ0 = 2 x 10-4 for frequencies
up to 1MHz and is independent of temperatures.
For polyester, tg
δ0 values are shown in graph 4
on page 3.
Pt (Thermal losses) = Rs x (Irms)2
where
Cn in Farad
Irms in Ampere
f in Hertz
Vin Volt
Rs in Ohm
θ in °C
Rth in °C/W
WORKING TEMPERATURE
(according to the power to be dissipated) -55°C to +105°C
LIFETIME EXPECTANCY
One unique feature of this technology (as opposed to elec-
trolytics) is how the capacitor reacts at the end of its lifetime.
Unlike aluminum, electrolytics film capacitors do not have a
catastrophic failure mode. Film capacitors simply experience
a parametric loss of capacitance of about 2%, with no risk of
short circuit.
Please note that this is theoretical, however, as the capacitor
continues to be functional even after this 2% decrease.
4
PACKAGING MATERIAL
Self-extinguishing plastic case (V0 = in accordance with UL 94)
filled thermosetting resin.
Self-extinguishing thermosetting resin (V0 = in accordance with
UL 94; I3F2 = in accordance with NF F 16-101).
STANDARDS
IEC 61071-1, IEC 61071-2: Power electronic capacitors
IEC 60384-16: Fixed metallized polypropylene
film dielectric DC capacitors
IEC 60384-16-1: Fixed metallized polypropylene
film dielectric DC capacitors
Assessment level E
IEC 60384-17: Fixed metallized polypropylene
film dielectric AC and pulse
capacitors
IEC 60384-17-1: Fixed metallized polypropylene
film dielectric AC and pulse
capacitors
Assessment level E
IEC 60384-2: Fixed metallized polyester
capacitors


Similar Part No. - FFB36A0336KJC

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFB36A0336K AVX-FFB36A0336K Datasheet
154Kb / 4P
   Medium Power Film Capacitors
More results

Similar Description - FFB36A0336KJC

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
FFVS6K0226K AVX-FFVS6K0226K Datasheet
308Kb / 2P
   Medium Power Film Capacitors
FAI16J0114K AVX-FAI16J0114K Datasheet
485Kb / 9P
   Medium Power Film Capacitors
FAV36K0125K AVX-FAV36K0125K Datasheet
150Kb / 2P
   Medium Power Film Capacitors
FSV16K0683K AVX-FSV16K0683K Datasheet
78Kb / 2P
   Medium Power Film Capacitors
FVE4H0187KJ7 AVX-FVE4H0187KJ7 Datasheet
162Kb / 4P
   Medium Power Film Capacitors
FB27A6K0335KC AVX-FB27A6K0335KC Datasheet
203Kb / 4P
   Medium Power Film Capacitors
DFFHV11MR2637 AVX-DFFHV11MR2637 Datasheet
630Kb / 13P
   Medium Power Film Capacitors
FFG86K0376K AVX-FFG86K0376K Datasheet
116Kb / 3P
   Medium Power Film Capacitors
FFLI6R0257K AVX-FFLI6R0257K Datasheet
689Kb / 10P
   Medium Power Film Capacitors
FFVE4H0187K AVX-FFVE4H0187K Datasheet
162Kb / 4P
   Medium Power Film Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com