Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP05CN10LG Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPP05CN10LG
Description  OptiMOS2 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP05CN10LG Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPP05CN10LG Datasheet HTML 1Page - Infineon Technologies AG IPP05CN10LG Datasheet HTML 2Page - Infineon Technologies AG IPP05CN10LG Datasheet HTML 3Page - Infineon Technologies AG IPP05CN10LG Datasheet HTML 4Page - Infineon Technologies AG IPP05CN10LG Datasheet HTML 5Page - Infineon Technologies AG IPP05CN10LG Datasheet HTML 6Page - Infineon Technologies AG IPP05CN10LG Datasheet HTML 7Page - Infineon Technologies AG IPP05CN10LG Datasheet HTML 8Page - Infineon Technologies AG IPP05CN10LG Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IPP05CN10L G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
11700
15600 pF
Output capacitance
C oss
-
1480
1970
Reverse transfer capacitance
C rss
-75-
Turn-on delay time
t d(on)
-46-
ns
Rise time
t r
-
288
-
Turn-off delay time
t d(off)
-62-
Fall time
t f
-37-
Gate Charge Characteristics
6)
Gate to source charge
Q gs
-40-
nC
Gate to drain charge
Q gd
-27-
Switching charge
Q sw
-31-
Gate charge total
Q g
-
163
-
Gate plateau voltage
V plateau
-
3.4
-
V
Output charge
Q oss
V DD=50 V, V GS=0 V
-
152
-
nC
Reverse Diode
Diode continous forward current
I S
-
-
100
A
Diode pulse current
I S,pulse
-
-
400
Diode forward voltage
V SD
V GS=0 V, I F=100 A,
T j=25 °C
-
0.97
1.2
V
Reverse recovery time
t rr
-
106
ns
Reverse recovery charge
Q rr
-
285
-
nC
6) See figure 16 for gate charge parameter definition
V R=50 V, I F=I S,
di F/dt =100 A/µs
T C=25 °C
Values
V GS=0 V, V DS=50 V,
f =1 MHz
V DD=50 V, V GS=4.5 V,
I D=100 A, R G=1.6 Ω
V DD=50 V, I D=100 A,
V GS=0 to 10 V
Rev. 1.02
page 3
2008-10-31


Similar Part No. - IPP05CN10LG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP05CN10N INFINEON-IPP05CN10N Datasheet
527Kb / 11P
   OptiMOS짰2 Power-Transistor
Rev. 1.05 2006-06-02
logo
Inchange Semiconductor ...
IPP05CN10N ISC-IPP05CN10N Datasheet
337Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPP05CN10NG INFINEON-IPP05CN10NG Datasheet
527Kb / 11P
   OptiMOS짰2 Power-Transistor
Rev. 1.05 2006-06-02
IPP05CN10NG INFINEON-IPP05CN10NG Datasheet
443Kb / 11P
   OptiMOS?? Power-Transistor
Rev. 1.2 2010-01-18
More results

Similar Description - IPP05CN10LG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO200N03S INFINEON-BSO200N03S Datasheet
238Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO150N03 INFINEON-BSO150N03 Datasheet
224Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSC094N03S INFINEON-BSC094N03S Datasheet
340Kb / 10P
   OptiMOS2 Power-Transistor
Rev. 1.01 2004-12-15
IPD05N03LB INFINEON-IPD05N03LB Datasheet
304Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-12-16
BSC032N03S INFINEON-BSC032N03S Datasheet
301Kb / 10P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-04-13
BSO094N03S INFINEON-BSO094N03S Datasheet
237Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO350N03 INFINEON-BSO350N03 Datasheet
225Kb / 9P
   OptiMOS2 Power-Transistor
2004-02-09
IPD10N03LA INFINEON-IPD10N03LA Datasheet
412Kb / 11P
   OptiMOS2 Power-Transistor
Rev. 1.3 2004-05-19
IPP03N03LBG INFINEON-IPP03N03LBG_08 Datasheet
275Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 0.95 2008-05-06
IPP12CN10LG INFINEON-IPP12CN10LG Datasheet
778Kb / 10P
   OptiMOS2 Power-Transistor
2008-07-15 revision:1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com