Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB230N06L3G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPB230N06L3G
Description  OptiMOS?? Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB230N06L3G Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPB230N06L3G Datasheet HTML 1Page - Infineon Technologies AG IPB230N06L3G Datasheet HTML 2Page - Infineon Technologies AG IPB230N06L3G Datasheet HTML 3Page - Infineon Technologies AG IPB230N06L3G Datasheet HTML 4Page - Infineon Technologies AG IPB230N06L3G Datasheet HTML 5Page - Infineon Technologies AG IPB230N06L3G Datasheet HTML 6Page - Infineon Technologies AG IPB230N06L3G Datasheet HTML 7Page - Infineon Technologies AG IPB230N06L3G Datasheet HTML 8Page - Infineon Technologies AG IPB230N06L3G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Type
IPB230N06L3 G IPP230N06L3 G
OptiMOS3 Power-Transistor
Features
• Ideal for high frequency switching and sync. rec.
• Optimized technology for DC/DC converters
• Excellent gate charge x R DS(on) product (FOM)
• N-channel, logic level
• 100% avalanche tested
• Pb-free plating; RoHS compliant
• Qualified according to JEDEC
1) for target applications
• Halogen-free according to IEC61249-2-21
Maximum ratings,
at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T C=25 °C
2)
30
A
T C=100 °C
21
Pulsed drain current
2)
I D,pulse
T C=25 °C
120
Avalanche energy, single pulse
3)
E AS
I D=20 A, R GS=25 Ω
13
mJ
Gate source voltage
V GS
±20
V
Power dissipation
P tot
T C=25 °C
36
W
Operating and storage temperature
T j, T stg
-55 ... 175
°C
3) See figure 13 for more detailed information
Value
1)J-STD20 and JESD22
2) See figure 3 for more detailed information
V DS
60
V
R DS(on),max
23
m
Ω
I D
30
A
Product Summary
Type
IPB230N06L3 G
IPP230N06L3 G
Package
PG-TO263-3
PG-TO220-3
Marking
230N06L
230N06L
Rev. 2.2
page 1
2010-01-22


Similar Part No. - IPB230N06L3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB200N15N3 INFINEON-IPB200N15N3 Datasheet
556Kb / 12P
   OptiMOS?? Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.05 2010-04-28
IPB200N15N3G INFINEON-IPB200N15N3G Datasheet
556Kb / 12P
   OptiMOS?? Power-Transistor Features Excellent gate charge x R DS(on) product (FOM)
Rev. 2.05 2010-04-28
IPB200N15N3G INFINEON-IPB200N15N3G Datasheet
999Kb / 12P
   N-channel, normal level
Rev. 2.07 2014-01-09
logo
Inchange Semiconductor ...
IPB200N15N3G ISC-IPB200N15N3G Datasheet
188Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPB200N15N3G INFINEON-IPB200N15N3G_15 Datasheet
999Kb / 12P
   N-channel, normal level
Rev. 2.07 2014-01-09
More results

Similar Description - IPB230N06L3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2-03 INFINEON-SPI80N03S2-03 Datasheet
418Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2L-04 INFINEON-SPI80N03S2L-04 Datasheet
417Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
BSC119N03SG INFINEON-BSC119N03SG_09 Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-04
BSC123N10LSG INFINEON-BSC123N10LSG Datasheet
447Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC152N10NSFG INFINEON-BSC152N10NSFG Datasheet
423Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC252N10NSFG INFINEON-BSC252N10NSFG Datasheet
419Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC265N10LSFG INFINEON-BSC265N10LSFG Datasheet
433Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
IPB260N06N3G INFINEON-IPB260N06N3G Datasheet
297Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.2 2010-01-22
IPD090N03LGE8177 INFINEON-IPD090N03LGE8177 Datasheet
315Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2010-02-23
BSZ040N04LSG INFINEON-BSZ040N04LSG Datasheet
336Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 1.3 2009-11-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com