Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB80N06S2L-07 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPB80N06S2L-07
Description  OptiMOS Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB80N06S2L-07 Datasheet(HTML) 6 Page - Infineon Technologies AG

  IPB80N06S2L-07 Datasheet HTML 1Page - Infineon Technologies AG IPB80N06S2L-07 Datasheet HTML 2Page - Infineon Technologies AG IPB80N06S2L-07 Datasheet HTML 3Page - Infineon Technologies AG IPB80N06S2L-07 Datasheet HTML 4Page - Infineon Technologies AG IPB80N06S2L-07 Datasheet HTML 5Page - Infineon Technologies AG IPB80N06S2L-07 Datasheet HTML 6Page - Infineon Technologies AG IPB80N06S2L-07 Datasheet HTML 7Page - Infineon Technologies AG IPB80N06S2L-07 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IPB80N06S2L-07
IPP80N06S2L-07
9 Typ. Drain-source on-state resistance
10 Typ. gate threshold voltage
R DS(ON) = f(T j)
V GS(th) = f(T j); V GS = V DS
parameter: I D = 80 A; VGS = 10 V
parameter: I D
11 Typ. capacitances
12 Typical forward diode characteristicis
C = f(V DS); V GS = 0 V; f = 1 MHz
IF = f(VSD)
parameter: T j
25 °C
175 °C
10
3
10
2
10
1
10
0
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V SD [V]
Ciss
Coss
Crss
10
4
10
3
10
2
0
5
10
15
20
25
30
V DS [V]
150 µA
750 µA
0
0.5
1
1.5
2
2.5
-60
-20
20
60
100
140
180
T j [°C]
2
4
6
8
10
12
-60
-20
20
60
100
140
180
T j [°C]
Rev. 1.0
page 6
2005-12-27


Similar Part No. - IPB80N06S2L-07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB80N06S2L-05 INFINEON-IPB80N06S2L-05 Datasheet
163Kb / 8P
   OptiMOS Power-Transistor
Rev. 1.0 2006-03-13
IPB80N06S2L-06 INFINEON-IPB80N06S2L-06 Datasheet
160Kb / 8P
   OptiMOS Power-Transistor
Rev. 1.0 2006-03-13
IPB80N06S2L-09 INFINEON-IPB80N06S2L-09 Datasheet
160Kb / 8P
   OptiMOS Power-Transistor
Rev. 1.0 2006-03-13
More results

Similar Description - IPB80N06S2L-07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2-03 INFINEON-SPI80N03S2-03 Datasheet
418Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2L-04 INFINEON-SPI80N03S2L-04 Datasheet
417Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
BSC119N03SG INFINEON-BSC119N03SG_09 Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-04
BSC123N10LSG INFINEON-BSC123N10LSG Datasheet
447Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC152N10NSFG INFINEON-BSC152N10NSFG Datasheet
423Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC252N10NSFG INFINEON-BSC252N10NSFG Datasheet
419Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC265N10LSFG INFINEON-BSC265N10LSFG Datasheet
433Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
IPB260N06N3G INFINEON-IPB260N06N3G Datasheet
297Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.2 2010-01-22
IPD090N03LGE8177 INFINEON-IPD090N03LGE8177 Datasheet
315Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2010-02-23
BSZ040N04LSG INFINEON-BSZ040N04LSG Datasheet
336Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 1.3 2009-11-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com