Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB80N06S2L-06 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPB80N06S2L-06
Description  OptiMOS Power-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB80N06S2L-06 Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPB80N06S2L-06 Datasheet HTML 1Page - Infineon Technologies AG IPB80N06S2L-06 Datasheet HTML 2Page - Infineon Technologies AG IPB80N06S2L-06 Datasheet HTML 3Page - Infineon Technologies AG IPB80N06S2L-06 Datasheet HTML 4Page - Infineon Technologies AG IPB80N06S2L-06 Datasheet HTML 5Page - Infineon Technologies AG IPB80N06S2L-06 Datasheet HTML 6Page - Infineon Technologies AG IPB80N06S2L-06 Datasheet HTML 7Page - Infineon Technologies AG IPB80N06S2L-06 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IPB80N06S2L-06
IPP80N06S2L-06
Parameter
Symbol
Conditions
Unit
min.
typ.
max.
Thermal characteristics
2)
Thermal resistance, junction - case
R thJC
-
-
0.6
K/W
Thermal resistance, junction -
ambient, leaded
R thJA
--
62
SMD version, device on PCB
R thJA
minimal footprint
-
-
62
6 cm
2 cooling area5)
--
40
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D= 1 mA
55
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=180 µA
1.2
1.6
2.0
Zero gate voltage drain current
I DSS
V DS=55 V, V GS=0 V,
T j=25 °C
-
0.01
1
µA
V DS=55 V, V GS=0 V,
T j=125 °C
2)
-
1
100
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
1
100
nA
Drain-source on-state resistance
R DS(on)
V GS=4.5 V, I D=69 A
-
6.1
8.4
m
V GS=4.5 V, I D=69 A,
SMD version
-
5.8
8.1
Drain-source on-state resistance
RDS(on)
V GS=10 V, I D=69 A,
-
6.1
6.3
mΩ
V GS=10 V, I D=69 A,
SMD version
-
4.8
6
Values
Rev. 1.0
page 2
2006-03-13


Similar Part No. - IPB80N06S2L-06

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB80N06S2L-05 INFINEON-IPB80N06S2L-05 Datasheet
163Kb / 8P
   OptiMOS Power-Transistor
Rev. 1.0 2006-03-13
IPB80N06S2L-07 INFINEON-IPB80N06S2L-07 Datasheet
160Kb / 8P
   OptiMOS Power-Transistor
Rev. 1.0 2005-12-27
IPB80N06S2L-09 INFINEON-IPB80N06S2L-09 Datasheet
160Kb / 8P
   OptiMOS Power-Transistor
Rev. 1.0 2006-03-13
More results

Similar Description - IPB80N06S2L-06

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2-03 INFINEON-SPI80N03S2-03 Datasheet
418Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2L-04 INFINEON-SPI80N03S2L-04 Datasheet
417Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
BSC119N03SG INFINEON-BSC119N03SG_09 Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-04
BSC123N10LSG INFINEON-BSC123N10LSG Datasheet
447Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC152N10NSFG INFINEON-BSC152N10NSFG Datasheet
423Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC252N10NSFG INFINEON-BSC252N10NSFG Datasheet
419Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC265N10LSFG INFINEON-BSC265N10LSFG Datasheet
433Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
IPB260N06N3G INFINEON-IPB260N06N3G Datasheet
297Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.2 2010-01-22
IPD090N03LGE8177 INFINEON-IPD090N03LGE8177 Datasheet
315Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2010-02-23
BSZ040N04LSG INFINEON-BSZ040N04LSG Datasheet
336Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 1.3 2009-11-05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com