Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10A05 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # 10A05
Description  SILICON RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

10A05 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  10A05 Datasheet HTML 1Page - EIC discrete Semiconductors 10A05 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10A01-10A07
SILICON RECTIFIER DIODES
PRV : 50 - 1000 Volts
Io : 10 Amperes
FEATURES :
* Diffused Junction
* High current capability and Low Forward
Voltage Drop
* Surge Overload Rating to 600A Peak
* Low Reverse Leakage Current
* Pb / RoHS Free
MECHANICAL DATA :
* Case : molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight :
2.049 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL 10A01 10A02 10A03 10A04 10A05 10A06 10A07
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Average Rectified Output Current (Note 1) Ta = 50
°C
IO
10
A
Non-Repetitive Peak Forward Surge Current 8.3 ms
Single half sine wave superimposed on rated load
(JEDEC Method)
Maximum Forward Voltage at IF = 10 Amps.
VF
1.3
V
Maximum DC Reverse Current
Ta = 25
°C
IR
10
µA
at rated DC Blocking Voltage
Ta = 100
°C
IR(H)
100
µA
Typical Junction Capacitance (Note 2)
Cj
pF
Thermal Resistance
RθJC
0.8
°C/W
Operating and Storage Temperature Range
TJ, TSTG
- 65 to + 150
°C
Notes :
(1) Leads maintained at ambient temperature at a distance of 9.5 mm fro, the case.
(2) Measured at 1.0 MHz and applied reverse volage of 4.0V DC.
Page 1 of 2
Rev. 01 : October 27, 2005
RATING
150
80
IFSM
600
A
Dimensions in inches and ( millimeters )
D6
0.360 (9.1)
0.340 (8.6)
0.360 (9.1)
0.340 (8.6)
0.052 (1.32)
0.048 (1.22)
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.


Similar Part No. - 10A05

ManufacturerPart #DatasheetDescription
logo
Bytes
10A05 BYTES-10A05 Datasheet
190Kb / 2P
   10.0 AMP SILICON RECTIFIERS
logo
Shanghai Shunye Electro...
10A05 SHUNYE-10A05 Datasheet
99Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
10A05 CHONGQING-10A05 Datasheet
41Kb / 1P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
logo
Gaomi Xinghe Electronic...
10A05 GXELECTRONICS-10A05 Datasheet
329Kb / 2P
   GENERAL PURPOSE PLASTICK RECTIFIER
logo
HY ELECTRONIC CORP.
10A05 HY-10A05 Datasheet
757Kb / 3P
   Plastic Silicon Rectifiers
More results

Similar Description - 10A05

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JAN1N645-1 MICROSEMI-JAN1N645-1 Datasheet
177Kb / 3P
   Silicon Rectifier Diodes
logo
EIC discrete Semiconduc...
DL201 EIC-DL201 Datasheet
44Kb / 2P
   SILICON RECTIFIER DIODES
DR200 EIC-DR200 Datasheet
44Kb / 2P
   SILICON RECTIFIER DIODES
P800A EIC-P800A Datasheet
38Kb / 2P
   SILICON RECTIFIER DIODES
logo
Shenzhen Taychipst Elec...
S5566B TAYCHIPST-S5566B Datasheet
14Mb / 2P
   SILICON RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BY251 EIC-BY251_05 Datasheet
47Kb / 2P
   SILICON RECTIFIER DIODES
BYW27-50 EIC-BYW27-50_05 Datasheet
57Kb / 2P
   SILICON RECTIFIER DIODES
logo
SynSemi, Inc.
BYW27-50 SYNSEMI-BYW27-50 Datasheet
30Kb / 2P
   SILICON RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
BYX42 NJSEMI-BYX42 Datasheet
132Kb / 2P
   SILICON RECTIFIER DIODES
logo
EIC discrete Semiconduc...
1SR139-100 EIC-1SR139-100 Datasheet
31Kb / 2P
   SILICON RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com