Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA1800 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA1800
Description  FM/AM Single-Chip Radio
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1800 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA1800 Datasheet HTML 1Page - Sanyo Semicon Device LA1800 Datasheet HTML 2Page - Sanyo Semicon Device LA1800 Datasheet HTML 3Page - Sanyo Semicon Device LA1800 Datasheet HTML 4Page - Sanyo Semicon Device LA1800 Datasheet HTML 5Page - Sanyo Semicon Device LA1800 Datasheet HTML 6Page - Sanyo Semicon Device LA1800 Datasheet HTML 7Page - Sanyo Semicon Device LA1800 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LA1800
Ordering number : EN1844C
FM/AM Single-Chip Radio
Monolithic Linear IC
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
12798HA (KT)/D101TH/N03TA/9037AT/7095MW, TS No.1844-1/8
Functions
• FM : Front end, low-pass filter, IF amp, quadrature
detector, muting.
• AM : RF amp, detector.
• AM : AF driver (earphone driver).
Features
• Minimum number of external parts required : One tuning
circuit each for FM, AM
• Low current dissipation : 5.6mA/FM, 3.2mA/AM
• Low-voltage operation : VCC min=2.5V
Specifications
Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
Pin 3
6.0
V
Allowable power dissipation
Pd max
200
mW
Operating temperature
Topr
–20 to +70
°C
Storage temperature
Tstg
–40 to +125
°C
Operating Conditions at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended operating voltage VCC
3.0
V
Operating voltage range
VCC op
2.5 to 5.0
V
Operating Characteristics at Ta=25°C, VCC=3V, See Test Circuit
Parameter
Symbol
Conditions
Ratings
min
typ
max
Unit
[AM]
Current drain
Icco
3.6
5.5
mA
Pin 2 voltage
V2
1.9
2.4
2.9
V
Pin 14 voltage
V14
0.4
0.9
1.6
V
Pin 21 voltage
V21
0.6
0.9
1.2
V
[FM]
Current drain
Icco
5.6
8.0
mA
Pin 2 voltage
V2
1.9
2.6
2.9
V
Pin 4 voltage
V4
1.7
2.3
2.9
V
Pin 5 voltage
V5
1.7
2.3
2.9
V
Continued on next page.
Package Dimensions
unit : mm
3059-DIP22S
[LA1800]
SANYO : DIP22S
21.2
0.95
0.48
1.7
1.78
111
22
12


Similar Part No. - LA1800

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
LA1800 TGS-LA1800 Datasheet
1Mb / 9P
   FM/AM SINGLE CHIP RADIO
More results

Similar Description - LA1800

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
LA1800 TGS-LA1800 Datasheet
1Mb / 9P
   FM/AM SINGLE CHIP RADIO
logo
Wuxi Youda electronics ...
YD1191 YOUDA-YD1191 Datasheet
77Kb / 4P
   SINGLE-CHIP FM/AM RADIO IC
YD1619 YOUDA-YD1619 Datasheet
81Kb / 4P
   SINGLE-CHIP FM/AM RADIO IC
logo
Silicon Laboratories
SI4683-A10 SILABS-SI4683-A10 Datasheet
53Kb / 2P
   Single-Chip, AM/FM/HD Radio Receiver
logo
Samsung semiconductor
KA22426 SAMSUNG-KA22426 Datasheet
113Kb / 4P
   AM/FM 1 CHIP RADIO
S1A0426C02 SAMSUNG-S1A0426C02 Datasheet
70Kb / 4P
   AM/FM 1 CHIP RADIO
S1A0426C01 SAMSUNG-S1A0426C01 Datasheet
70Kb / 4P
   AM/FM 1 CHIP RADIO
KA22426D SAMSUNG-KA22426D Datasheet
112Kb / 4P
   AM/FM 1 CHIP RADIO
KA22427B SAMSUNG-KA22427B Datasheet
275Kb / 9P
   AM/FM 1-CHIP RADIO
KA22425D SAMSUNG-KA22425D Datasheet
113Kb / 4P
   AM/FM 1 CHIP RADIO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com