Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP45N06S3L-13 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPP45N06S3L-13
Description  OptiMOS-T2 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP45N06S3L-13 Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPP45N06S3L-13 Datasheet HTML 1Page - Infineon Technologies AG IPP45N06S3L-13 Datasheet HTML 2Page - Infineon Technologies AG IPP45N06S3L-13 Datasheet HTML 3Page - Infineon Technologies AG IPP45N06S3L-13 Datasheet HTML 4Page - Infineon Technologies AG IPP45N06S3L-13 Datasheet HTML 5Page - Infineon Technologies AG IPP45N06S3L-13 Datasheet HTML 6Page - Infineon Technologies AG IPP45N06S3L-13 Datasheet HTML 7Page - Infineon Technologies AG IPP45N06S3L-13 Datasheet HTML 8Page - Infineon Technologies AG IPP45N06S3L-13 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IPB45N06S3L-13
IPI45N06S3L-13, IPP45N06S3L-13
Parameter
Symbol
Conditions
Unit
min.
typ.
max.
Dynamic characteristics
2)
Input capacitance
C iss
-
3600
-
pF
Output capacitance
C oss
-
450
-
Reverse transfer capacitance
Crss
-
430
-
Turn-on delay time
t d(on)
-13
-
ns
Rise time
t r
-46
-
Turn-off delay time
t d(off)
-58
-
Fall time
t f
-
124
-
Gate Charge Characteristics
2)
Gate to source charge
Q gs
-19
-
nC
Gate to drain charge
Q gd
-9
-
Gate charge total
Q g
-50
75
Gate plateau voltage
V plateau
-
4.9
-
V
Reverse Diode
Diode continous forward current
2)
I S
--
5
A
Diode pulse current
2)
I S,pulse
-
-
180
Diode forward voltage
V SD
V GS=0 V, I F=25 A,
T j=25 °C
0.6
0.9
1.3
V
Reverse recovery time
2)
t rr
-20
-
ns
Reverse recovery charge
2)
Q rr
-25
-
nC
V R=27.5 V, I F=I S,
di F/dt =100 A/µs
T C=25 °C
Values
V GS=0 V, V DS=25 V,
f =1 MHz
V DD=27.5 V,
V GS=10 V, I D=45 A,
R G=20 Ω
V DD=11 V, I D=45 A,
V GS=0 to 10 V
4) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
1) Current is limited by bondwire; with an R
thJC = 2.3 K/W the chip is able to carry 52 A at 25°C. For detailed
information see Application Note ANPS071E at www.infineon.com/optimos
2) Defined by design. Not subject to production test.
3) Qualified at -5V and +16V.
Rev. 2.2
page 3
2007-09-06


Similar Part No. - IPP45N06S3L-13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP45N06S3-16 INFINEON-IPP45N06S3-16 Datasheet
243Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2005-11-25
More results

Similar Description - IPP45N06S3L-13

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB80N04S4L-04 INFINEON-IPB80N04S4L-04 Datasheet
165Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2010-04-13
IPD90N06S4-07 INFINEON-IPD90N06S4-07 Datasheet
169Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-24
IPB45N06S4L-08 INFINEON-IPB45N06S4L-08 Datasheet
176Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-24
IPB90N06S4-04 INFINEON-IPB90N06S4-04 Datasheet
175Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.2 2009-07-01
IPB120N06S4-02 INFINEON-IPB120N06S4-02 Datasheet
176Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.2 2009-07-01
IPB180N06S4-H1 INFINEON-IPB180N06S4-H1 Datasheet
181Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-25
IPD25N06S4L-30 INFINEON-IPD25N06S4L-30 Datasheet
173Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-23
IPD30N06S4L-23 INFINEON-IPD30N06S4L-23 Datasheet
168Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2009-03-23
IPD30N03S4L-09 INFINEON-IPD30N03S4L-09_10 Datasheet
140Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.1 2010-10-05
IPB80N06S3L-06 INFINEON-IPB80N06S3L-06_07 Datasheet
191Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.1 2007-11-07
IPB120N04S4-01 INFINEON-IPB120N04S4-01 Datasheet
164Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 1.0 2010-04-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com