Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA1265 Datasheet(PDF) 8 Page - Sanyo Semicon Device

Part # LA1265
Description  FM/AM Tuner of Electronic Tuning Type
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1265 Datasheet(HTML) 8 Page - Sanyo Semicon Device

Back Button LA1265 Datasheet HTML 4Page - Sanyo Semicon Device LA1265 Datasheet HTML 5Page - Sanyo Semicon Device LA1265 Datasheet HTML 6Page - Sanyo Semicon Device LA1265 Datasheet HTML 7Page - Sanyo Semicon Device LA1265 Datasheet HTML 8Page - Sanyo Semicon Device LA1265 Datasheet HTML 9Page - Sanyo Semicon Device LA1265 Datasheet HTML 10Page - Sanyo Semicon Device LA1265 Datasheet HTML 11Page - Sanyo Semicon Device LA1265 Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
LA1265
No.1820-8/15
Ambient temperature, Ta – °C
Supply voltage, VCC – V
Ambient temperature, Ta – °C
FM Temperature Characteristics
FM VCC Characteristics
AM Temperature Characteristics
Detection output
Input
input
input
input
Detection output
input
input
input
no input
S/N=20dB sensitivity 400Hz-100% mod.
Output 20mV sensitivity
LED lighting
sensitivity
input
input
input
no input
Detection output (Input=100dBµ)
–3dB limiting sensitivity
S meter voltage
Input
LED lighting sensitivity
Input
Input
Current
drain,
ICC
No signal
–3dB limiting sensitivity
LED lighting
sensitivity
input


Similar Part No. - LA1265

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1260 SANYO-LA1260 Datasheet
924Kb / 14P
   FM/AM Tuner System for Radio-Casette Recorders, Music Centers
LA1266 SANYO-LA1266 Datasheet
344Kb / 11P
   AM/FM Tuner System Of Electronic Tuning Type
LA1267 SANYO-LA1267 Datasheet
557Kb / 14P
   FM/AM Tuner of Electronic Tuning Type
logo
LIGITEK electronics co....
LA126B-3-SR LIGITEK-LA126B-3-SR Datasheet
66Kb / 5P
   LED ARRAY
More results

Similar Description - LA1265

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1267 SANYO-LA1267 Datasheet
557Kb / 14P
   FM/AM Tuner of Electronic Tuning Type
LA1266 SANYO-LA1266 Datasheet
344Kb / 11P
   AM/FM Tuner System Of Electronic Tuning Type
logo
NEC
UPC2533 NEC-UPC2533 Datasheet
212Kb / 36P
   AM TUNER FOR ELECTRONIC TUNING CAR RADIOS
logo
NTE Electronics
NTE1608 NTE-NTE1608 Datasheet
24Kb / 3P
   Integrated Circuit AM Tuner w/Electronic Tuning
logo
Sanyo Semicon Device
LA1886M SANYO-LA1886M Datasheet
724Kb / 32P
   AM/FM Tuner
logo
Samsung semiconductor
KA2297-D SAMSUNG-KA2297-D Datasheet
157Kb / 6P
   AM/FM TUNER
S1A2297X01 SAMSUNG-S1A2297X01 Datasheet
104Kb / 6P
   AM/FM TUNER
logo
Sanyo Semicon Device
LA1245 SANYO-LA1245 Datasheet
326Kb / 11P
   AM Electronic Tuner
LA1247 SANYO-LA1247 Datasheet
507Kb / 11P
   AM ELECTRONIC TUNER
logo
Silan Microelectronics ...
SA2111C SILAN-SA2111C Datasheet
339Kb / 9P
   3V AM/FM MPX TUNER IC(FOR MECHANICAL TUNING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com