Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4587DMU28TCG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP4587DMU28TCG
Description  150 mA, Tri-Mode, LDO Linear Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4587DMU28TCG Datasheet(HTML) 6 Page - ON Semiconductor

  NCP4587DMU28TCG Datasheet HTML 1Page - ON Semiconductor NCP4587DMU28TCG Datasheet HTML 2Page - ON Semiconductor NCP4587DMU28TCG Datasheet HTML 3Page - ON Semiconductor NCP4587DMU28TCG Datasheet HTML 4Page - ON Semiconductor NCP4587DMU28TCG Datasheet HTML 5Page - ON Semiconductor NCP4587DMU28TCG Datasheet HTML 6Page - ON Semiconductor NCP4587DMU28TCG Datasheet HTML 7Page - ON Semiconductor NCP4587DMU28TCG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NCP4587
http://onsemi.com
6
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 419A−01 OBSOLETE. NEW STANDARD
419A−02.
4. DIMENSIONS A AND B DO NOT INCLUDE
MOLD FLASH, PROTRUSIONS, OR GATE
BURRS.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
1.80
2.20
0.071
0.087
INCHES
B
1.15
1.35
0.045
0.053
C
0.80
1.10
0.031
0.043
D
0.10
0.30
0.004
0.012
G
0.65 BSC
0.026 BSC
H
---
0.10
---
0.004
J
0.10
0.25
0.004
0.010
K
0.10
0.30
0.004
0.012
N
0.20 REF
0.008 REF
S
2.00
2.20
0.079
0.087
B
0.2 (0.008) MM
12
3
4
5
A
G
S
D 5 PL
H
C
N
J
K
−B−
SC−88A (SC−70−5/SOT−353)
CASE 419A−02
ISSUE K


Similar Part No. - NCP4587DMU28TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4587DMX12TCG ONSEMI-NCP4587DMX12TCG Datasheet
404Kb / 19P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
February, 2012 ??Rev. 3
NCP4587DMX18TCG ONSEMI-NCP4587DMX18TCG Datasheet
404Kb / 19P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
February, 2012 ??Rev. 3
NCP4587DMX28TCG ONSEMI-NCP4587DMX28TCG Datasheet
404Kb / 19P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
February, 2012 ??Rev. 3
NCP4587DMX30TCG ONSEMI-NCP4587DMX30TCG Datasheet
404Kb / 19P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
February, 2012 ??Rev. 3
NCP4587DMX31TCG ONSEMI-NCP4587DMX31TCG Datasheet
404Kb / 19P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
February, 2012 ??Rev. 3
More results

Similar Description - NCP4587DMU28TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4587DMX12TCG ONSEMI-NCP4587DMX12TCG Datasheet
404Kb / 19P
   150 mA, Tri-Mode, LDO Linear Voltage Regulator
February, 2012 ??Rev. 3
NCP4589 ONSEMI-NCP4589 Datasheet
647Kb / 30P
   300 mA, Tri-Mode, LDO Linear Voltage Regulator
May, 2011 ??Rev. 0
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCV4269A ONSEMI-NCV4269A_15 Datasheet
163Kb / 20P
   Micropower 150 mA LDO Linear Regulator
January, 2015 ??Rev. 4
NCV4279A ONSEMI-NCV4279A_13 Datasheet
162Kb / 15P
   Micropower 150 mA LDO Linear Regulator
May, 2013 ??Rev. 4
NCP4624 ONSEMI-NCP4624 Datasheet
1Mb / 18P
   150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
   Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com