Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5913B Datasheet(PDF) 3 Page - EIC discrete Semiconductors

Part # 1N5913B
Description  SILICON ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N5913B Datasheet(HTML) 3 Page - EIC discrete Semiconductors

  1N5913B Datasheet HTML 1Page - EIC discrete Semiconductors 1N5913B Datasheet HTML 2Page - EIC discrete Semiconductors 1N5913B Datasheet HTML 3Page - EIC discrete Semiconductors 1N5913B Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RATING AND CHARACTERISTIC CURVES ( 1N5913B - 1N5957B )
FIG. 1 - POWER TEMPERATURE DERATING CURVE
FIG. 2 - TYPICAL THERMAL RESPONSE L, LEAD LENTGTH = 3/8 INCH
FIG. 3 - MAXIMUM SURGE POWER
FIG. 4 - TYPICAL REVERSE LEAKAGE
Page 3 of 4
Rev. 07 : June 7, 2006
1
L = LEAD
LENGTH
TO HEAT SINK
5
3
2
4
L = 1/8"
L = 1"
0
TL, LEAD TEMPERATURE (°C)
0
40
80
120
160
200
t, TIME (SECONS)
0.0001
0.1
1
10
20
30
0.001
0.01
0.1
1
10
1
10
100
1000
0.0001
0.001
0.01
0.1
1
3
2
NOMINAL VZ (VOLTS)
PW, PULS WIDTH (ms)
0.1
1
10
100
1000
100
10
RECTANGULAR
NONREPETITIVE
WAVEFORM
TJ = 25 °C PRIOR
TO INITIAL PULSE
L = 3/8"
D = 0.5
D = 0.2
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0
Note : Below 0.1 second, Thermal
response curve is
applicable
to any lead length (L).
t2
PPK
t
1
D =
t
2
t2
Single Pulse ΔTJL = ӨJL(t)PPK
Repetitive Pulse ΔTJL = ӨJL(t,D)PPK
Ta = 125 °C
Ta = 25 °C
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - 1N5913B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5913B MOTOROLA-1N5913B Datasheet
156Kb / 10P
   1 TO 3 WATT ZENER REGULATOR DIODES 3.3-400 VOLTS
logo
Central Semiconductor C...
1N5913B CENTRAL-1N5913B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
logo
Jinan Gude Electronic D...
1N5913B JGD-1N5913B Datasheet
157Kb / 2P
   1.5W SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N5913B NJSEMI-1N5913B Datasheet
125Kb / 1P
   SILICON 1.5 WATT ZENER DIODES
logo
Microsemi Corporation
1N5913B MICROSEMI-1N5913B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
More results

Similar Description - 1N5913B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com