Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT026D103MAC4D Datasheet(PDF) 3 Page - AVX Corporation

Part # UT026D103MAC4D
Description  UltraThin Ceramic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

UT026D103MAC4D Datasheet(HTML) 3 Page - AVX Corporation

  UT026D103MAC4D Datasheet HTML 1Page - AVX Corporation UT026D103MAC4D Datasheet HTML 2Page - AVX Corporation UT026D103MAC4D Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
UltraThin Ceramic Capacitors
UT Series Specifications and Test Methods – Sn Termination
Parameter/Test
Specification Limits
Measuring Conditions
Operating Temperature Range
-55ºC to +85ºC
Temperature Cycle Chamber
Capacitance
Within specified tolerance
Freq.: 1.0 kHz ± 10%
Dissipation Factor
≤ 3.0% for ≥ 25V DC rating
Voltage: 1.0Vrms ± 0.2V
≤ 12.5% for ≤ 16V DC rating
Insulation Resistance
100 MΩ - μF
Charge device with rated voltage for
120 ± 5 secs @ room temp/humidity
Charge device with 300% of rated voltage for
Dielectric Strength
No breakdown or visual defects
1-5 seconds, with charge and discharge
current limited to 50 mA (max)
Appearance
No defects
Deflection: 2mm
Capacitance
Test Time: 30 seconds
Resistance to
Variation
≤ ±12%
Flexure
Dissipation
Meets Initial Values (As Above)
Stresses
Factor
Insulation
≥ Initial Value x 0.3
Resistance
Solderability
≥ 95% of each terminal should be covered
Dip device in eutectic solder at 245 ± 5ºC
with fresh solder
for 5.0 ± 0.5 seconds
Appearance
No defects, <25% leaching of either end terminal
Capacitance
Variation
≤ ±7.5%
Dip device in eutectic solder at 260ºC for 60
Dissipation
Meets Initial Values (As Above)
seconds. Store at room temperature for 24 ± 2
Resistance to
Factor
hours before measuring electrical properties.
Solder Heat
Insulation
Meets Initial Values (As Above)
Resistance
Dielectric
Meets Initial Values (As Above)
Strength
Appearance
No visual defects
Capacitance
Variation
≤ ±12%
Dissipation
≤ Initial Value x 2.0 (As Above)
Load Life
Factor
Insulation
≥ Initial Value x 0.3 (As Above)
Resistance
Dielectric
Meets Initial Values (As Above)
Strength
Appearance
No visual defects
Capacitance
Variation
≤ ±12%
Load
Dissipation
≤ Initial Value x 2.0 (As Above)
Humidity
Factor
Insulation
≥ Initial Value x 0.3 (As Above)
Resistance
Dielectric
Meets Initial Values (As Above)
Strength
Charge device with 1.5X rated voltage
in test chamber set at
85ºC ± 2ºC for 1000 hours (+48, -0)
Remove from test chamber and stabilize
at room temperature for 24 ± 2 hours
before measuring.
Store in a test chamber set at 85ºC ± 2ºC/
85% ± 5% relative humidity for 1000 hours
(+48, -0) with rated voltage applied.
Remove from chamber and stabilize at
room temperature and humidity for
24 ± 2 hours before measuring.
1mm/sec
90 mm


Similar Part No. - UT026D103MAC4D

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
UT0.25UHBD AEROFLEX-UT0.25UHBD Datasheet
97Kb / 13P
   Hardened-by-Design Standard Cell ASIC
UT0.6UCRH AEROFLEX-UT0.6UCRH Datasheet
108Kb / 16P
   Commercial RadHardTM Gate Array Family
logo
SHENZHEN DOINGTER SEMIC...
UT0016 DOINGTER-UT0016 Datasheet
942Kb / 3P
   N-Channel MOSFET uses advanced trench technology
UT0020A DOINGTER-UT0020A Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Everlight Electronics C...
UT01-P01 EVERLIGHT-UT01-P01 Datasheet
128Kb / 9P
   High Power Lamp
More results

Similar Description - UT026D103MAC4D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C460UT230-0101 CREE-C460UT230-0101 Datasheet
269Kb / 4P
   UltraThin LEDs
CXXXUT230-S0100 CREE-CXXXUT230-S0100 Datasheet
224Kb / 4P
   UltraThin??LEDs
CXXXUT230-S0002 CREE-CXXXUT230-S0002 Datasheet
245Kb / 4P
   UltraThin??LEDs
C460UT230-0105 CREE-C460UT230-0105 Datasheet
269Kb / 4P
   UltraThin LEDs
CXXXUT200-SXXXX CREE-CXXXUT200-SXXXX Datasheet
297Kb / 5P
   Cree짰 UltraThin??LED
C460UT200-0201 CREE-C460UT200-0201 Datasheet
323Kb / 5P
   Cree UltraThin LED
logo
Magnetrol International...
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
   UltraThin??Gen III LEDs
UT190-50 MAGNETROL-UT190-50 Datasheet
304Kb / 6P
   UltraThin??Gen III LEDs
logo
Marktech Corporate
C450UT190-0317-30 MARKTECH-C450UT190-0317-30 Datasheet
300Kb / 6P
   Cree UltraThin Gen III LEDs
C450UT190-0317-31 MARKTECH-C450UT190-0317-31 Datasheet
304Kb / 6P
   Cree UltraThin Gen III LEDs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com