Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5342A Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # 1N5342A
Description  SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N5342A Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  1N5342A Datasheet HTML 1Page - EIC discrete Semiconductors 1N5342A Datasheet HTML 2Page - EIC discrete Semiconductors 1N5342A Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Rating at 25 °C ambient temperature unless otherwise specified)
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
TYPE
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(Ω)(Ω)
(mA)
(
μA)
(V)
(mA)
1N5333A
3.3
380
3.0
400
1.0
300
1.0
1440
1N5334A
3.6
350
2.5
500
1.0
150
1.0
1320
1N5335A
3.9
320
2.0
500
1.0
50
1.0
1220
1N5336A
4.3
290
2.0
500
1.0
10
1.0
1100
1N5337A
4.7
260
2.0
450
1.0
5.0
1.0
1010
1N5338A
5.1
240
1.5
400
1.0
1.0
1.0
930
1N5339A
5.6
220
1.0
400
1.0
1.0
2.0
856
1N5340A
6.0
200
1.0
300
1.0
1.0
3.0
790
1N5341A
6.2
200
1.0
200
1.0
1.0
3.0
765
1N5342A
6.8
175
1.0
200
1.0
150
4.9
700
1N5343A
7.5
175
1.5
200
1.0
150
5.4
630
1N5344A
8.2
150
1.5
200
1.0
150
5.9
580
1N5345A
8.7
150
2.0
200
1.0
150
6.3
545
1N5346A
9.1
150
2.0
150
1.0
150
6.6
520
1N5347A
10
125
2.0
125
1.0
150
7.2
475
1N5348A
11
125
2.5
125
1.0
50
8.0
430
1N5349A
12
100
2.5
125
1.0
2.0
8.6
395
1N5350A
13
100
2.5
100
1.0
1.0
9.4
365
1N5351A
14
100
2.5
75
1.0
1.0
10.1
340
1N5352A
15
75
2.5
75
1.0
1.0
10.8
315
1N5353A
16
75
2.5
75
1.0
1.0
11.5
295
1N5354A
17
70
2.5
75
1.0
0.5
12.2
280
1N5355A
18
65
2.5
75
1.0
0.5
13.0
265
1N5356A
19
65
3.0
75
1.0
0.5
13.7
250
1N5357A
20
65
3.0
75
1.0
0.5
14.4
237
1N5358A
22
50
3.5
75
1.0
0.5
15.8
216
1N5359A
24
50
3.5
100
1.0
0.5
17.3
198
1N5360A
25
50
4.0
110
1.0
0.5
18.0
190
1N5361A
27
50
5.0
120
1.0
0.5
19.4
176
1N5362A
28
50
6.0
130
1.0
0.5
20.1
170
1N5363A
30
40
8.0
140
1.0
0.5
21.6
158
1N5364A
33
40
10
150
1.0
0.5
23.8
144
1N5365A
36
30
11
160
1.0
0.5
25.9
132
1N5366A
39
30
14
170
1.0
0.5
28.1
122
1N5367A
43
30
20
190
1.0
0.5
31.0
110
1N5368A
47
25
25
210
1.0
0.5
33.8
100
1N5369A
51
25
27
230
1.0
0.5
36.7
93.0
1N5370A
56
20
35
280
1.0
0.5
40.3
86.0
1N5371A
60
20
40
350
1.0
0.5
43.0
79.0
1N5372A
62
20
42
400
1.0
0.5
44.6
76.0
1N5373A
68
20
44
500
1.0
0.5
49.0
70.0
1N5374A
75
20
45
620
1.0
0.5
54.0
63.0
1N5375A
82
15
65
720
1.0
0.5
59.0
58.0
1N5376A
87
15
75
760
1.0
0.5
63.0
54.5
1N5377A
91
15
75
760
1.0
0.5
65.5
52.5
1N5378A
100
12
90
800
1.0
0.5
72.0
47.5
1N5379A
110
12
125
1000
1.0
0.5
79.2
43.0
1N5380A
120
10
170
1150
1.0
0.5
86.4
39.5
1N5381A
130
10
190
1250
1.0
0.5
93.2
36.6
1N5382A
140
8.0
230
1500
1.0
0.5
101
34.0
1N5383A
150
8.0
330
1500
1.0
0.5
108
31.6
1N5384A
160
8.0
350
1650
1.0
0.5
115
29.4
1N5385A
170
8.0
380
1750
1.0
0.5
122
28.0
1N5386A
180
5.0
430
1750
1.0
0.5
130
26.4
1N5387A
190
5.0
450
1850
1.0
0.5
137
25.0
1N5388A
200
5.0
480
1850
1.0
0.5
144
23.6
Note :
(1) Suffix " A " indicates
± 10% tolerance, suffix " B " indicates ± 5.0% tolerance.
Page 2 of 3
Rev. 08 : March 16, 2007
Certificate: TH97/10561QM
Certificate: TW00/17276EM


Similar Part No. - 1N5342A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N5342A EIC-1N5342A Datasheet
31Kb / 2P
   SILICON ZENER DIODES
1N5342A EIC-1N5342A Datasheet
121Kb / 3P
   SILICON ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5342A NJSEMI-1N5342A Datasheet
204Kb / 1P
   5-WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
More results

Similar Description - 1N5342A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com