Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AVD090P Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # AVD090P
Description  NPN SILICON RF POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

AVD090P Datasheet(HTML) 1 Page - Advanced Semiconductor

  AVD090P Datasheet HTML 1Page - Advanced Semiconductor AVD090P Datasheet HTML 2Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. C
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/2
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
NONETEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
BVCBO
IC = 10 mA
65
V
BVCER
IC = 25 mA
RBE = 10
65
V
BVEBO
IE = 1.0 mA
3.5
V
ICES
VCB = 50 V
100
mA
hFE
VCE = 5.0 V
IC = 1.0 A
10
200
---
COB
VCE = 50 V
f = 1.0 MHz
40
pF
PG
ηηηη
C
VCC = 50 V
POUT = 90 W
f = 1025 - 1150 MHz
PIN = 13 W
8.4
38
dB
%
Pulse with = 10 µS, Duty Cycle = 1.0 %
NPN SILICON RF POWER TRANSISTOR
AVD090P
DESCRIPTION:
The
ASI AVD090P is Designed for
High Peak power & low duty cycle,
IFF, DME, and TACAN Applications.
FEATURES:
• Internal Input Matching Network
• P
G = 8.4 dB at 90 W/1150 MHz
• Omnigold™ Metalization System
MAXIMUM RATINGS
IC
1.0 A PEAK
VCB
55 V
PDISS
292 W @ 25 °C
TJ
-65 °C to +200 °C
TSTG
-65 °C to +150 °C
θθθθ
JC
0.6 °C/W
PACKAGE STYLE .280 4L PILL (A)
ORDER CODE: ASI10563
MINIMUM
inches / mm
.004 / 0.10
1.000 / 25.40
.050 / 1.27
B
C
D
E
F
A
MAXIMUM
.065 / 1.65
.145 / 3.68
.007 / 0.18
inches / mm
.205 / 5.21
DIM
.095 / 2.41
.105 / 2.67
F
E
A
.100x45°
D
B
C
ØG
G
.275 / 6.99
.285 / 7.21
.195 / 4.95


Similar Part No. - AVD090P

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
AVD090P ASI-AVD090P Datasheet
15Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - AVD090P

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
   Silicon NPN Transistor RF Power Transistor
logo
Advanced Semiconductor
CBSL100 ASI-CBSL100 Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
CBSL150 ASI-CBSL150 Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF15-28S ASI-HF15-28S Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MLN1027S ASI-MLN1027S Datasheet
16Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
   RF POWER TRANSISTOR NPN SILICON
MRF455 MACOM-MRF455 Datasheet
92Kb / 3P
   RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLX39 ASI-BLX39 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
MRF839F ASI-MRF839F Datasheet
15Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com