Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LA1136 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA1136
Description  AM Tuners for Car Radios and Home Stereos
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1136 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA1136 Datasheet HTML 1Page - Sanyo Semicon Device LA1136 Datasheet HTML 2Page - Sanyo Semicon Device LA1136 Datasheet HTML 3Page - Sanyo Semicon Device LA1136 Datasheet HTML 4Page - Sanyo Semicon Device LA1136 Datasheet HTML 5Page - Sanyo Semicon Device LA1136 Datasheet HTML 6Page - Sanyo Semicon Device LA1136 Datasheet HTML 7Page - Sanyo Semicon Device LA1136 Datasheet HTML 8Page - Sanyo Semicon Device LA1136 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LA1136N, LA1136NM
Operating Conditions at Ta = 25°C, VCC = 8 V, fr = 1 MHz, fm = 400 Hz, See specified Test Circuit
Parameter
Symbol
Conditions
Pin
min
typ
max
Unit
12
14
17
22
Current drain
ICC1
Quiescent
L
L
L
O
22
38
52
mA
ICC2
130 dBµ
L
L
L
O
30
45
60
Detection output
VO
74 dBµ, 30% modulation
L
L
L
O
–15.0
–12.0
–9.0
dBm
Signal-to-noise ratio
S/N
74 dBµ, 30% modulation
L
L
L
O
49
54
dB
AGC figure-of-merit
AGC
74 dBµ, 30% modulation,
reference output 10 dB below
input
LLL
O
50
54
dBµ
Total harmonic distortion
THD1
74 dBµ, 80% modulation
L
L
L
O
0.4
1.0
%
THD2
130 dBµ, 80% modulation
L
L
L
O
0.5
2.0
Signal meter output voltage
VSM1
Quiescent
L
L
L
O
0
0.3
V
VSM2
130 dBµ
L
L
L
O
3.5
5.0
7.5
Stop detector sensitivity
SD
V18 = 3.5 V
L
H
L
O
26
32
38
dBµ
Local-oscillator buffer output
voltage
VOSC
BUFF
Quiescent
L
L
L
O
270
330
mVrms
IF buffer output voltage
VIF BUFF 74 dBµ, zero modulation
L
L
L
O
530
750
1,000
mVrms
IF count buffer output voltage
VIFCB
30 dBµ, zero modulation
L
H
H
O
260
300
mVrms
IF count buffer output leakage
voltage
VIFCBL
74 dBµ, zero modulation
L
L
L
O
10
mVrms
Antenna input level for RF AGC
ON and tweet prevention
ANT1
LLLL
56
62
68
dBµ
Antenna input for wideband AGC
ON
ANT2
Quiescent, 1.0 MHz receive
signal, 1.4 MHz interference,
zero modulation
L
L
L
O
92
98
104
dBµ
Wideband/narrowband detector
output ratio (weak input)
21 dBµ, 30% modulation
L/H
L
L
O
2
4
dB
Pin-diode driver current
IANTD
V1 = 0.7 V
L
L
L
O
4.0
5.5
mA
Note)
SW voltage:H=5 V, L = GND, O = OPEN
LA1137N, LA1137NM
Operating Characteristics at Ta = 25°C, VCC = 8 V, fr = 1 MHz, fm = 400 Hz, See specified Test Circuit
Parameter
Symbol
Conditions
SW
min
typ
max
Unit
11
13
18
Current drain
ICC1
Quiescent
L
L
O
22
38
52
mA
ICC2
130 dBµ, zero modulation
L
L
O
30
45
60
Detection output
VO
74 dBµ, 30% modulation
L
L
O
–15.0
–12.0
–9.0
dBm
Signal-to-noise ratio
S/N
74 dBµ, 30% modulation
L
L
O
50
55
dB
AGC figure-of-merit
AGC
74 dBµ, 30% modulation,
reference output 10 dB below
input
LL
O
48
52
56
dB
Total harmonic distortion
THD1
74 dBµ, 80% modulation
L
L
O
0.3
1.0
%
THD2
130 dBµ, 80% modulation
L
L
O
0.4
2.0
Signal meter output
voltage
VSM1
Quiescent
L
L
O
0
0.3
V
VSM2
130 dBµ, zero modulation
L
L
O
3.5
5
7.5
Stop detector sensitivity
SD
V18 = 3.5 V, zero modulation
H
L
O
27
33
39
dBµ
Local-oscillator buffer
output voltage
VOSC BUFF Quiescent
L
L
O
290
350
mVrms
IF count buffer output
voltage
VIFCB
30 dBµ, zero modulation
H
H
O
260
300
mVrms
IF count buffer output
leakage voltage
VIFCBL
74 dBµ, zero modulation
L
L
O
10
mVrms
Antenna input for RF
AGC ON and tweet
prevention
ANT1
L
L
L
56
62
68
dBµ
Antenna input for wide
band AGC ON
ANT2
Quiescent, 1.0 MHz receive
signal, 1.4 MHz interference
signal, zero modulation
L
L
O
92
98
104
dBµ
Pin-diode driver current
IANTD
V1 = 0.7 V
L
L
O
4.0
5.5
mA
Note)
SW voltage:H=5 V, L = 0 V,O= open
Short the ammeter used to measure the pin-diode driver current when not in use.
LA1136N, 1136NM, 1137N, 1137NM
No. 3507-4/28


Similar Part No. - LA1136

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1130 SANYO-LA1130 Datasheet
216Kb / 5P
   AM Tuner for Car Radio
LA1135 SANYO-LA1135 Datasheet
455Kb / 18P
   AM Tuner System for Car Radios and Home Stereos
LA1135M SANYO-LA1135M Datasheet
455Kb / 18P
   AM Tuner System for Car Radios and Home Stereos
More results

Similar Description - LA1136

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1135 SANYO-LA1135 Datasheet
455Kb / 18P
   AM Tuner System for Car Radios and Home Stereos
LA4422 SANYO-LA4422 Datasheet
429Kb / 10P
   5.8W typ AF Power Amplifier for Car Stereos, Car Radios
logo
NEC
UPC2533 NEC-UPC2533 Datasheet
212Kb / 36P
   AM TUNER FOR ELECTRONIC TUNING CAR RADIOS
logo
STMicroelectronics
TDA7786 STMICROELECTRONICS-TDA7786 Datasheet
919Kb / 54P
   ELITE automotive tuners for AM/FM car-radio
October 2016 Rev 5
logo
Sanyo Semicon Device
LA1177 SANYO-LA1177 Datasheet
396Kb / 8P
   Electronic Tuning-Use FM Front End for Car Radio, Home Stereos
LA1883M SANYO-LA1883M Datasheet
168Kb / 8P
   Single-Chip FM/AM Tuner for Car Radio and Home Stereo Equipment?
logo
STMicroelectronics
TDA7528 STMICROELECTRONICS-TDA7528 Datasheet
89Kb / 5P
   AM/FM car radio Front-End receiver for IF sampling tuners
logo
Sanyo Semicon Device
LC75374E SANYO-LC75374E Datasheet
383Kb / 17P
   Electronic Volume and Tone Control for Car Stereos
logo
Rohm
BA3915B ROHM-BA3915B Datasheet
247Kb / 16P
   System power supply for car stereos
BA3918 ROHM-BA3918 Datasheet
153Kb / 9P
   System power supply for car stereos
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com