Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJA1021 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TJA1021
Description  LIN 2.1/SAE J2602 transceiver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1021 Datasheet(HTML) 3 Page - NXP Semiconductors

  TJA1021_10 Datasheet HTML 1Page - NXP Semiconductors TJA1021_10 Datasheet HTML 2Page - NXP Semiconductors TJA1021_10 Datasheet HTML 3Page - NXP Semiconductors TJA1021_10 Datasheet HTML 4Page - NXP Semiconductors TJA1021_10 Datasheet HTML 5Page - NXP Semiconductors TJA1021_10 Datasheet HTML 6Page - NXP Semiconductors TJA1021_10 Datasheet HTML 7Page - NXP Semiconductors TJA1021_10 Datasheet HTML 8Page - NXP Semiconductors TJA1021_10 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TJA1021
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 6 — 30 December 2010
3 of 25
NXP Semiconductors
TJA1021
LIN 2.1/SAE J2602 transceiver
5.
Block diagram
Fig 1.
Block diagram
FILTER
RXD/
INT
BUS
TIMER
CONTROL
TJA1021
WAKE-UP
TIMER
WAKE_N
VBAT
SLP_N
TXD
RXD
INH
LIN
GND
001aae066
SLEEP/
NORMAL
TIMER
7
3
2
4
1
6
5
8
TEMPERATURE
PROTECTION
TXD
TIME-OUT
TIMER


Similar Part No. - TJA1021_10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1021T/10 NXP-TJA1021T/10 Datasheet
500Kb / 25P
   LIN 2.1/SAE J2602 transceiver
Rev. 05-22 October 2009
TJA1021T/20 NXP-TJA1021T/20 Datasheet
500Kb / 25P
   LIN 2.1/SAE J2602 transceiver
Rev. 05-22 October 2009
TJA1021TK/20 NXP-TJA1021TK/20 Datasheet
500Kb / 25P
   LIN 2.1/SAE J2602 transceiver
Rev. 05-22 October 2009
More results

Similar Description - TJA1021_10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1021 NXP-TJA1021 Datasheet
500Kb / 25P
   LIN 2.1/SAE J2602 transceiver
Rev. 05-22 October 2009
logo
Infineon Technologies A...
TLE7268 INFINEON-TLE7268 Datasheet
701Kb / 34P
   Dual LIN 2.2 / SAE J2602 Transceiver
Rev. 1.0 2017-09-14
logo
NXP Semiconductors
TJA1027 NXP-TJA1027 Datasheet
650Kb / 24P
   ISO 17987/LIN 2.x/SAE J2602 transceiver
Rev. 3-18 December 2018
logo
Microchip Technology
MCP2003 MICROCHIP-MCP2003 Datasheet
406Kb / 32P
   LIN J2602 Transceiver
2010
logo
NXP Semiconductors
TJA1029 NXP-TJA1029 Datasheet
529Kb / 24P
   LIN 2.2A/SAE J2602 transceiver with TXD dominant timeout
Rev. 1-8 January 2013
logo
Microchip Technology
MCP2003 MICROCHIP-MCP2003_14 Datasheet
581Kb / 34P
   LIN J2602 Transceiver
03/25/14
MCP2003 MICROCHIP-MCP2003_13 Datasheet
918Kb / 34P
   LIN J2602 Transceiver
11/29/11
logo
Freescale Semiconductor...
MC33662LEF FREESCALE-MC33662LEF Datasheet
577Kb / 31P
   LIN 2.1 / SAEJ2602-2, LIN Physical Layer
logo
Micon Design Technology...
PIC16F1829LIN MDTIC-PIC16F1829LIN Datasheet
1Mb / 74P
   20-Pin, 8-bit Flash LIN/J2602 Microcontroller
logo
Freescale Semiconductor...
MC33663 FREESCALE-MC33663 Datasheet
828Kb / 37P
   LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com