Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4701 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # 1N4701
Description  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N4701 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  1N4701 Datasheet HTML 1Page - EIC discrete Semiconductors 1N4701 Datasheet HTML 2Page - EIC discrete Semiconductors 1N4701 Datasheet HTML 3Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1N4678 - 1N4717
ZENER DIODES
VZ : 1.8 - 43 V
PD : 500 mW
FEATURES :
* Zener voltage specified at 50 µA
* Maximum delta VZ given from 10 µA to 100 µA
* Very high stability
* Low noise
* Pb / RoHS Free
MECHANICAL DATA :
Case:
DO-35 Glass Case
Weight:
approx. 0.13g
Maximum Ratings and Thermal Characteristics
Rating at 25 °C ambient temperature unless otherwise specifie
Symbol
Value
Unit
Power Dissipation
at TL ≤ 50 °C (Note1)
PD
500
mW
Maximum Forward Voltage at IF = 200 mA
VF
1.1
V
Thermal Resistance Junction to Ambient
RӨJA
310
°C/W
Thermal Resistance Junction to Lead
RӨJL
250
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to + 175
°C
Note :
(1) At 3/8" (10 mm) lead length from body, when mounted on FR4 PC board as described for thermal resistance.
Page 1 of 3
Rev. 01 : August 16, 2006
Parameter
DO - 35 Glass
(DO-204AH)
0.079(2.0 )max.
0.150 (3.8)
max.
0.020 (0.52)max.
Dimensions in inches and ( millimeters )
1.00 (25.4)
min.
1.00 (25.4)
min.
Cathode
Mark
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - 1N4701

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4701 VISHAY-1N4701 Datasheet
67Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
Digitron Semiconductors
1N4701 DIGITRON-1N4701 Datasheet
120Kb / 2P
   SILICON 250mW ZENER DIODES
logo
Compensated Deuices Inc...
1N4701 CDI-DIODE-1N4701 Datasheet
116Kb / 2P
   50 uA, LOW OPERATING CURRENT, ZENER DIODES
logo
Micro Commercial Compon...
1N4701 MCC-1N4701 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
logo
General Semiconductor
1N4701 GE-1N4701 Datasheet
40Kb / 2P
   ZENER DIODES
More results

Similar Description - 1N4701

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com