Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N914B Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # 1N914B
Description  HIGH SPEED SWITCHING DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N914B Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  1N914B Datasheet HTML 1Page - EIC discrete Semiconductors 1N914B Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N914/A/B
HIGH SPEED SWITCHING DIODES
FEATURES :
• High switching speed: max. 4 ns
• Continuous reverse voltage:max. 75 V
• Repetitive peak reverse voltage:max. 100 V
• Repetitive peak forward current: max. 225 mA
• Pb / RoHS Free
MECHANICAL DATA :
Case: DO-35 Glass Case
Weight: approx. 0.13g
Maximum Ratings and Thermal Characteristics (Rating at 25 °C ambient temperature unless otherwise specified.)
Symbol
Value
Unit
VRRM
100
V
VRM
75
V
Maximum Continuous Forward Current
IF
75
mA
Maximum Power Dissipation
PD
250
mW
Maximum Repetitive Peak Forward Current
IFRM
225
mA
Maximum Non-repetitive Peak Forward Current at t = 1s
IFSM
0.5
A
Maximum Junction Temperature
TJ
175
°C
Storage Temperature Range
TS
-65 to + 200
°C
Electrical Characteristics (T
J = 25°C unless otherwise noted )
Parameter
Symbol
Min
Typ
Max
Unit
VR = 20 V
-
-
25
nA
VR = 20 V , Tj = 150 °C
--
50
μA
1N914
IF = 10 mA
-
-
1.0
V
1N914A
IF = 20 mA
-
-
1.0
V
1N914B
IF = 5 mA
0.62
-
0.72
V
1N914B
IF = 100 mA
-
-
1.0
V
Diode Capacitance
Cd
-
-
4.0
pF
IF = 10 mA to IR = 60 mA
RL = 100 Ω ; measured
at IR = 1mA
Page 1 of 2
Rev. 03 : March 25, 2005
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum Continuous Reverse Voltage
Reverse Current
ns
4
-
-
Test Condition
f = 1MHz ; VR = 0
Reverse Recovery Time
Trr
IR
Forward Voltage
VF
DO - 35 Glass
(DO-204AH)
0.079(2.0 )max.
0.150 (3.8)
max.
0.020 (0.52)max.
Dimensions in inches and ( millimeters )
1.00 (25.4)
min.
1.00 (25.4)
min.
Cathode
Mark


Similar Part No. - 1N914B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1N914B RECTRON-1N914B Datasheet
11Kb / 1P
   SIGNAL DIODE
logo
SynSemi, Inc.
1N914B SYNSEMI-1N914B Datasheet
39Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
New Jersey Semi-Conduct...
1N914B NJSEMI-1N914B Datasheet
62Kb / 1P
   FAST SWITCHING DIODE
logo
Rohm
1N914B ROHM-1N914B Datasheet
57Kb / 2P
   Switching diode
logo
Taiwan Semiconductor Co...
1N914B TSC-1N914B Datasheet
102Kb / 2P
   500mW High Speed Switching Diode
More results

Similar Description - 1N914B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
   High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
   High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
BAW75 EIC-BAW75 Datasheet
35Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
   High Speed Switching Diodes
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
   High Speed SWITCHING Diodes
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
   High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
   High-speed switching diodes
Rev. 6-18 March 2015
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
   High Speed Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com