Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX3L1G384GW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # NX3L1G384GW
Description  Low-ohmic single-pole single-throw analog switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NX3L1G384GW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button NX3L1G384GW Datasheet HTML 3Page - NXP Semiconductors NX3L1G384GW Datasheet HTML 4Page - NXP Semiconductors NX3L1G384GW Datasheet HTML 5Page - NXP Semiconductors NX3L1G384GW Datasheet HTML 6Page - NXP Semiconductors NX3L1G384GW Datasheet HTML 7Page - NXP Semiconductors NX3L1G384GW Datasheet HTML 8Page - NXP Semiconductors NX3L1G384GW Datasheet HTML 9Page - NXP Semiconductors NX3L1G384GW Datasheet HTML 10Page - NXP Semiconductors NX3L1G384GW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
NX3L1G384
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 7 January 2011
7 of 18
NXP Semiconductors
NX3L1G384
Low-ohmic single-pole single-throw analog switch
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
(4) Tamb = −40 °C.
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
(4) Tamb = −40 °C.
Fig 9.
ON resistance as a function of input voltage;
VCC =1.5 V
Fig 10. ON resistance as a function of input voltage;
VCC =1.8 V
001aag565
VI (V)
03
2
1
0.8
0.4
1.2
1.6
RON
(
Ω)
0
(1)
(2)
(3)
(4)
VI (V)
05
4
3
12
001aag564
0.8
0.4
1.2
1.6
RON
(
Ω)
0
(1)
(2)
(5)
(6)
(4)
(3)
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
(4) Tamb = −40 °C.
(1) Tamb = 125 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
(4) Tamb = −40 °C.
Fig 11. ON resistance as a function of input voltage;
VCC =2.5 V
Fig 12. ON resistance as a function of input voltage;
VCC =2.7 V
001aag567
VI (V)
03
2
1
0.4
0.6
0.2
0.8
1.0
RON
(
Ω)
0
(1)
(2)
(3)
(4)
001aag568
VI (V)
03
2
1
0.4
0.6
0.2
0.8
1.0
RON
(
Ω)
0
(1)
(2)
(3)
(4)


Similar Part No. - NX3L1G384GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L1G384GW NXP-NX3L1G384GW Datasheet
148Kb / 17P
   Low-ohmic single-pole single-throw analog switch
Rev. 03-17 August 2009
More results

Similar Description - NX3L1G384GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L2T66 NXP-NX3L2T66 Datasheet
127Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-4 December 2008
NX3V1G384 NXP-NX3V1G384 Datasheet
122Kb / 16P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-18 September 2008
NX3V1T66 PHILIPS-NX3V1T66_15 Datasheet
189Kb / 20P
   Low-ohmic single-pole single-throw analog switch
Rev. 7-2 November 2011
NX3L1G66 NXP-NX3L1G66 Datasheet
145Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 06-18 August 2009
NX3L1G384 NXP-NX3L1G384 Datasheet
148Kb / 17P
   Low-ohmic single-pole single-throw analog switch
Rev. 03-17 August 2009
NX3L1G66 PHILIPS-NX3L1G66_15 Datasheet
175Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 8-9 November 2011
NX3L1T384 PHILIPS-NX3L1T384_15 Datasheet
174Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 3-9 November 2011
NX3L1T384 NXP-NX3L1T384 Datasheet
145Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-29 September 2009
NX3V1G66 NXP-NX3V1G66_10 Datasheet
441Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 05-24 March 2010
NX3L1T66 NXP-NX3L1T66 Datasheet
144Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 01-14 September 2009
NX3V1G384GW-125 PHILIPS-NX3V1G384GW-125 Datasheet
171Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 6-4 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com