Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP80N06NLG-S18-AY Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # NP80N06NLG-S18-AY
Description  MOS FIELD EFFECT TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP80N06NLG-S18-AY Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button NP80N06NLG-S18-AY Datasheet HTML 4Page - Renesas Technology Corp NP80N06NLG-S18-AY Datasheet HTML 5Page - Renesas Technology Corp NP80N06NLG-S18-AY Datasheet HTML 6Page - Renesas Technology Corp NP80N06NLG-S18-AY Datasheet HTML 7Page - Renesas Technology Corp NP80N06NLG-S18-AY Datasheet HTML 8Page - Renesas Technology Corp NP80N06NLG-S18-AY Datasheet HTML 9Page - Renesas Technology Corp NP80N06NLG-S18-AY Datasheet HTML 10Page - Renesas Technology Corp NP80N06NLG-S18-AY Datasheet HTML 11Page - Renesas Technology Corp NP80N06NLG-S18-AY Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet D19798EJ1V0DS
9
NP80N06MLG, NP80N06NLG, NP80N06PLG
TAPE INFORMATION (NP80N06PLG)
There are two types (-E1B, -E2B) of taping depending on the direction of the device.
Reel side
Draw-out side
−E1B TYPE
−E2B TYPE
MARKING INFORMATION
80N06
Lot code
NEC
LG
Pb-free plating marking
Abbreviation of part number
RECOMMENDED SOLDERING CONDITIONS
These products should be soldered and mounted under the following recommended conditions.
For soldering methods and conditions other than those recommended below, please contact an NEC Electronics
sales representative.
For technical information, see the following website.
Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html)
Soldering Method
Soldering Conditions
Recommended
Condition Symbol
Infrared reflow
NP80N06PLG
Maximum temperature (Package's surface temperature): 260
°C or below
Time at maximum temperature: 10 seconds or less
Time of temperature higher than 220
°C: 60 seconds or less
Preheating time at 160 to 180
°C: 60 to 120 seconds
Maximum number of reflow processes: 3 times
Maximum chlorine content of rosin flux (percentage mass): 0.2% or less
IR60-00-3
Wave soldering
NP80N06MLG,
NP80N06NLG
Maximum temperature (Solder temperature): 260
°C or below
Time: 10 seconds or less
Maximum chlorine content of rosin flux: 0.2% (wt.) or less
THDWS
Partial heating
NP80N06MLG,
NP80N06NLG,
NP80N06PLG
Maximum temperature (Pin temperature): 350
°C or below
Time (per side of the device): 3 seconds or less
Maximum chlorine content of rosin flux: 0.2% (wt.) or less
P350
Caution Do not use different soldering methods together (except for partial heating).


Similar Part No. - NP80N06NLG-S18-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP80N06NLG-S18-AYNote RENESAS-NP80N06NLG-S18-AYNote Datasheet
355Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
More results

Similar Description - NP80N06NLG-S18-AY

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com