Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP80N04PDG Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # NP80N04PDG
Description  MOS FIELD EFFECT TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP80N04PDG Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button NP80N04PDG Datasheet HTML 4Page - Renesas Technology Corp NP80N04PDG Datasheet HTML 5Page - Renesas Technology Corp NP80N04PDG Datasheet HTML 6Page - Renesas Technology Corp NP80N04PDG Datasheet HTML 7Page - Renesas Technology Corp NP80N04PDG Datasheet HTML 8Page - Renesas Technology Corp NP80N04PDG Datasheet HTML 9Page - Renesas Technology Corp NP80N04PDG Datasheet HTML 10Page - Renesas Technology Corp NP80N04PDG Datasheet HTML 11Page - Renesas Technology Corp NP80N04PDG Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet D19795EJ1V0DS
6
NP80N04MDG, NP80N04NDG, NP80N04PDG
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
0
2
4
6
8
10
1
10
100
1000
Pulsed
VGS = 4.5 V
10 V
NP80N04MDG, NP80N04NDG
ID - Drain Current - A
0
2
4
6
8
10
1
10
100
1000
Pulsed
VGS = 4.5 V
10 V
NP80N04PDG
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
0
2
4
6
8
10
0
4
8
12
16
20
ID = 40 A
Pulsed
NP80N04MDG, NP80N04NDG
VGS - Gate to Source Voltage - V
0
2
4
6
8
10
0
4
8
12
16
20
ID = 40 A
Pulsed
NP80N04PDG
VGS - Gate to Source Voltage - V
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
0
2
4
6
8
10
-75
-25
25
75
125
175
225
VGS = 4.5 V, ID = 35 A
10 V, 40 A
Pulsed
NP80N04MDG, NP80N04NDG
Tch - Channel Temperature -
°C
0
2
4
6
8
10
-75
-25
25
75
125
175
225
VGS = 4.5 V, ID = 35 A
10 V, 40 A
Pulsed
NP80N04PDG
Tch - Channel Temperature -
°C


Similar Part No. - NP80N04PDG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP80N04PDG RENESAS-NP80N04PDG Datasheet
5Mb / 6P
   Product Scout Automotive
logo
VBsemi Electronics Co.,...
NP80N04PDG VBSEMI-NP80N04PDG Datasheet
1Mb / 9P
   N-Channel 40 V (D-S) MOSFET
More results

Similar Description - NP80N04PDG

ManufacturerPart #DatasheetDescription
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com