Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25DF021-SSH Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT25DF021-SSH
Description  32-bit Microcontrollers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF021-SSH Datasheet(HTML) 3 Page - ATMEL Corporation

  AT25DF021-SSH Datasheet HTML 1Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 2Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 3Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 4Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 5Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 6Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 7Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 8Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AVR32918
3
32159A-AVR-01/11
Figure 3-2. Functional overview of the Atmel UC3-A3 XPLAINED kit.
3.1 Preprogrammed firmware
The Atmel AT32UC3A3256 on the Atmel UC3-A3 XPLAINED kit is preprogrammed
with a USB bootloader and a default firmware. The preprogrammed firmware in the
AT32UC3A3256 is a simple demonstration of the QTouch button and QTouch slider.
3.2 Power supply
The kit needs an external power supply that can deliver 5V and up to 500mA. The
actual current requirement for the board is much less than 500mA but in order to be
able to power possible expansion boards this margin is needed.
The power can be applied to the board either via the USB connector or on pin 10 on
the header J3. The USB connector is the preferred input because then it is possible to
connect expansion boards on top of the J3 header.
The 5V is regulated down to 3.3V with an on board LDO regulator, which provides
power to the entire board. Expansion top boards that require 5V will get this from the
header J3 pin 10.
3.3 Measuring the AT32UC3A3256 power consumption
As part of an evaluation of the AT32UC3A3256, it can be of interest to measure its
power consumption. The two-pin header with a jumper mounted on it is the only


Similar Part No. - AT25DF021-SSH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF021-SSH ATMEL-AT25DF021-SSH Datasheet
348Kb / 15P
   One mechanical button switch Three LEDs Four expansion headers
AT25DF021-SSH ATMEL-AT25DF021-SSH Datasheet
453Kb / 19P
   8-bit Atmel Microcontrollers
AT25DF021-SSH-B ATMEL-AT25DF021-SSH-B Datasheet
347Kb / 16P
   2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF021-SSH-B ATMEL-AT25DF021-SSH-B Datasheet
972Kb / 41P
   2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF021-SSH-B ETC2-AT25DF021-SSH-B Datasheet
914Kb / 41P
   2-Megabit 2.3Volt or 2.7-Volt Minimum SPI Serial Falsh Memory
More results

Similar Description - AT25DF021-SSH

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
   32-Bit Microcontrollers
logo
Fujitsu Component Limit...
MB91F627 FUJITSU-MB91F627 Datasheet
565Kb / 96P
   32-bit Microcontrollers
logo
ATMEL Corporation
AVR32000 ATMEL-AVR32000 Datasheet
43Kb / 6P
   32-bit Microcontrollers
logo
Fujitsu Component Limit...
MB91F610A FUJITSU-MB91F610A Datasheet
517Kb / 104P
   32-bit Microcontrollers
logo
List of Unclassifed Man...
NUC230LC2AE ETC2-NUC230LC2AE Datasheet
2Mb / 97P
   32-bit microcontrollers
logo
Fujitsu Component Limit...
MB91470 FUJITSU-MB91470 Datasheet
987Kb / 90P
   32-bit Microcontrollers
MB91150 FUJITSU-MB91150 Datasheet
926Kb / 105P
   32-bit Proprietary Microcontrollers
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
   32-bit Proprietary Microcontrollers
logo
ATMEL Corporation
AT91SC512384-8M ATMEL-AT91SC512384-8M Datasheet
145Kb / 3P
   32-bit Secure Microcontrollers
AT91SC464384RCU ATMEL-AT91SC464384RCU Datasheet
72Kb / 5P
   32-bit Secure Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com