Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25DF021-SSH Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT25DF021-SSH
Description  One mechanical button switch Three LEDs Four expansion headers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF021-SSH Datasheet(HTML) 5 Page - ATMEL Corporation

  AT25DF021-SSH Datasheet HTML 1Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 2Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 3Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 4Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 5Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 6Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 7Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 8Page - ATMEL Corporation AT25DF021-SSH Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AVR32924
32156A-AVR-01/11
4 Connectors
The Atmel UC3-L0 Xplained kit has five 10-pin, 100mil headers. Two headers have a
fixed communication interface (J1 and J4). One header has analog functionality (J2),
and the last header (J3) has general purpose digital I/O.
The 90° angled header is the JTAG programming and debugging header for the
AT32UC3L064.
For the location of the respective headers, refer to Figure 3-1.
4.1 Programming headers
The Atmel AT32UC3L064 can be programmed and debugged by connecting an
external programming/debugging tool to the JTAG header. The header has a
standard JTAG programmer pinout (refer to online help in AVR Studio), and tools
such as JTAGICE mkII or AVR ONE! can thus be connected directly to the header.
NOTE
The grey female 10-pin header on JTAGICE mkII has to be used when connecting to
the kit. A scoring in the board is made to fit the orientation tab on the header.
NOTE
A standoff adapter (no. 1) is needed Pin 1 on the JTAG header is at the top right
corner. This is rotated 180° compared to the other headers (J1, J2, J3, and J4).J1, J2,
J3, and J4).
Table 4-1. UC3 programming and debugging interface – JTAG.
Pin
JTAG
(1)
1
TCK
2
GND
3
TDO
4
VCC
5
TMS
6
nSRST
7
-
8
-
9
TDI
10
GND
Note:
1. Standard pinout for JTAGICE mkII and other Atmel programming tools.
The Atmel AT32UC3B1256 can be programmed through its boot loader. The boot
loader is evoked by shorting the two holes close to the device before applying power
to the board. The two holes have 100mil spacing, so the user can solder in a two-pin
header and use a jumper to easily enter the boot loader. Programming is performed
through the boot loader programmer target in the Atmel AVR32 Studio.
Alternatively, the AT32UC3B1256 can also be programmed by connecting a
programming tool, such as JTAGICE mkII, to the 10-pin test points on the bottom side
of the board (marked with BC JTAG).
NOTE
It is not recommended to program the AT32UC3B1256 using a programming tool, as
this will erase the boot loader.


Similar Part No. - AT25DF021-SSH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF021-SSH ATMEL-AT25DF021-SSH Datasheet
373Kb / 13P
   32-bit Microcontrollers
AT25DF021-SSH ATMEL-AT25DF021-SSH Datasheet
453Kb / 19P
   8-bit Atmel Microcontrollers
AT25DF021-SSH-B ATMEL-AT25DF021-SSH-B Datasheet
347Kb / 16P
   2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF021-SSH-B ATMEL-AT25DF021-SSH-B Datasheet
972Kb / 41P
   2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF021-SSH-B ETC2-AT25DF021-SSH-B Datasheet
914Kb / 41P
   2-Megabit 2.3Volt or 2.7-Volt Minimum SPI Serial Falsh Memory
More results

Similar Description - AT25DF021-SSH

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM74HC4052 HMSEMI-HM74HC4052 Datasheet
475Kb / 14P
   Two way four choose one analog switch
logo
List of Unclassifed Man...
MLX90720 ETC1-MLX90720 Datasheet
151Kb / 12P
   One Button Timer
logo
Cypress Semiconductor
CY8CMBR2044 CYPRESS-CY8CMBR2044_12 Datasheet
1,013Kb / 29P
   Four Button CapSense짰 Controller
logo
Molex Electronics Ltd.
130126-0016 MOLEX11-130126-0016 Datasheet
23Kb / 1P
   Watertite Four Button Pendant Enclosure
1301260016 MOLEX11-1301260016 Datasheet
48Kb / 1P
   Watertite Four Button Pendant Enclosure
1301260016 MOLEX1-1301260016_17 Datasheet
37Kb / 1P
   Watertite Four Button Pendant Enclosure
logo
PREMO CORPORATION S.L
FVSB PREMO-FVSB Datasheet
249Kb / 2P
   Three Phase One Stage
logo
List of Unclassifed Man...
B3WN ETC-B3WN Datasheet
121Kb / 3P
   Mechanical Key Switch
logo
Alliance Semiconductor ...
AS8C803601 ALSC-AS8C803601 Datasheet
2Mb / 21P
   Three chip enables for simple depth expansion
logo
Omron Electronics LLC
B3F OMRON-B3F Datasheet
328Kb / 5P
   Mechanical Key Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com