Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2766X Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # XC2766X
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2766X Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button XC2766X_08 Datasheet HTML 5Page - Infineon Technologies AG XC2766X_08 Datasheet HTML 6Page - Infineon Technologies AG XC2766X_08 Datasheet HTML 7Page - Infineon Technologies AG XC2766X_08 Datasheet HTML 8Page - Infineon Technologies AG XC2766X_08 Datasheet HTML 9Page - Infineon Technologies AG XC2766X_08 Datasheet HTML 10Page - Infineon Technologies AG XC2766X_08 Datasheet HTML 11Page - Infineon Technologies AG XC2766X_08 Datasheet HTML 12Page - Infineon Technologies AG XC2766X_08 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 112 page
background image
XC2766X
XC2000 Family Derivatives
General Device Information
Data Sheet
7
V2.1, 2008-08
2
General Device Information
The XC2766X derivatives are high-performance members of the Infineon
XC2000 Family of full-feature single-chip CMOS microcontrollers. These devices extend
the functionality and performance of the C166 Family in terms of instructions (MAC unit),
peripherals, and speed. They combine high CPU performance (up to 80 million
instructions per second) with extended peripheral functionality and enhanced IO
capabilities. Optimized peripherals can be adapted flexibly to meet the application
requirements. These derivatives utilize clock generation via PLL and internal or external
clock sources. On-chip memory modules include program Flash, program RAM, and
data RAM.
Figure 1
Logic Symbol
MC_XX_LOGSYMB100
Port 0
8 bit
Port 1
8 bit
Port 2
13 bit
Port 4
4 bit
Port 6
3 bit
Port 7
5 bit
VAGND
(1)
VAREF
(1)
VDDP
(9)
VSS
(4)
JTAG
4 bit
TRST
Debug
2 bit
VDDI
(4)
XTAL1
XTAL2
ESR0
ESR1
Port 10
16 bit
Port 15
5 bit
Port 5
11 bit
TESTM
PORST
TRef
via Port Pins


Similar Part No. - XC2766X_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2766X INFINEON-XC2766X Datasheet
1Mb / 100P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Sep. 2007
More results

Similar Description - XC2766X_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
XC2787X INFINEON-XC2787X Datasheet
1Mb / 144P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
XC2766X INFINEON-XC2766X Datasheet
1Mb / 100P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Sep. 2007
XC236X INFINEON-XC236X Datasheet
4Mb / 99P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, June 2007
XC2785X INFINEON-XC2785X Datasheet
1Mb / 136P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC226X INFINEON-XC226X Datasheet
2Mb / 101P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Feb. 2007
XC2288H INFINEON-XC2288H_11 Datasheet
1Mb / 151P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2011-07
XC2232N INFINEON-XC2232N_13 Datasheet
2Mb / 110P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.5 2013-02
XC2764X INFINEON-XC2764X Datasheet
1Mb / 125P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-04
XC2298H INFINEON-XC2298H Datasheet
1Mb / 157P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com