Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2766X Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # XC2766X
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2766X Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button XC2766X_08 Datasheet HTML 3Page - Infineon Technologies AG XC2766X_08 Datasheet HTML 4Page - Infineon Technologies AG XC2766X_08 Datasheet HTML 5Page - Infineon Technologies AG XC2766X_08 Datasheet HTML 6Page - Infineon Technologies AG XC2766X_08 Datasheet HTML 7Page - Infineon Technologies AG XC2766X_08 Datasheet HTML 8Page - Infineon Technologies AG XC2766X_08 Datasheet HTML 9Page - Infineon Technologies AG XC2766X_08 Datasheet HTML 10Page - Infineon Technologies AG XC2766X_08 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 112 page
background image
XC2766X
XC2000 Family Derivatives
Summary of Features
Data Sheet
5
V2.1, 2008-08
– Four serial interface channels to be used as UART, LIN, high-speed synchronous
channel (SPI/QSPI), IIC bus interface (10-bit addressing, 400 kbit/s), IIS interface
– On-chip MultiCAN interface (Rev. 2.0B active) with 64 message objects
(Full CAN/Basic CAN) 2 CAN nodes and gateway functionality
– On-chip real time clock
Up to 12 Mbytes external address space for code and data
– Programmable external bus characteristics for different address ranges
– Multiplexed or demultiplexed external address/data buses
– Selectable address bus width
– 16-bit or 8-bit data bus width
– Five programmable chip-select signals
– Hold- and hold-acknowledge bus arbitration support
Single power supply from 3.0 V to 5.5 V
Programmable watchdog timer and oscillator watchdog
Up to 75 general purpose I/O lines
On-chip bootstrap loaders
Supported by a full range of development tools including C compilers, macro-
assembler packages, emulators, evaluation boards, HLL debuggers, simulators,
logic analyzer disassemblers, programming boards
On-chip debug support via JTAG interface
100-pin Green LQFP package, 0.5 mm (19.7 mil) pitch
Ordering Information
The ordering code for an Infineon microcontroller provides an exact reference to a
specific product. This ordering code identifies:
the derivative itself, i.e. its function set, the temperature range, and the supply voltage
the package and the type of delivery.
For ordering codes for the XC2766X please contact your sales representative or local
distributor.
This document describes several derivatives of the XC2766X group. Table 1 lists these
derivatives and summarizes the differences. As this document refers to all of these
derivatives, some descriptions may not apply to a specific product.
For simplicity the term XC2766X is used for all derivatives throughout this document.


Similar Part No. - XC2766X_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2766X INFINEON-XC2766X Datasheet
1Mb / 100P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Sep. 2007
More results

Similar Description - XC2766X_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
XC2787X INFINEON-XC2787X Datasheet
1Mb / 144P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
XC2766X INFINEON-XC2766X Datasheet
1Mb / 100P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Sep. 2007
XC236X INFINEON-XC236X Datasheet
4Mb / 99P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, June 2007
XC2785X INFINEON-XC2785X Datasheet
1Mb / 136P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC226X INFINEON-XC226X Datasheet
2Mb / 101P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Feb. 2007
XC2288H INFINEON-XC2288H_11 Datasheet
1Mb / 151P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2011-07
XC2232N INFINEON-XC2232N_13 Datasheet
2Mb / 110P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.5 2013-02
XC2764X INFINEON-XC2764X Datasheet
1Mb / 125P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-04
XC2298H INFINEON-XC2298H Datasheet
1Mb / 157P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com