Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IHW40T120 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IHW40T120
Description  Soft Switching Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IHW40T120 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IHW40T120_08 Datasheet HTML 1Page - Infineon Technologies AG IHW40T120_08 Datasheet HTML 2Page - Infineon Technologies AG IHW40T120_08 Datasheet HTML 3Page - Infineon Technologies AG IHW40T120_08 Datasheet HTML 4Page - Infineon Technologies AG IHW40T120_08 Datasheet HTML 5Page - Infineon Technologies AG IHW40T120_08 Datasheet HTML 6Page - Infineon Technologies AG IHW40T120_08 Datasheet HTML 7Page - Infineon Technologies AG IHW40T120_08 Datasheet HTML 8Page - Infineon Technologies AG IHW40T120_08 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
IHW40T120
Soft Switching Series
Power Semiconductors
5
Rev. 2.3 Sep 08
10Hz
100Hz
1kHz
10kHz
100kHz
0A
20A
40A
60A
80A
100A
T
C=110°C
T
C=80°C
1V
10V
100V
1000V
0,1A
1A
10A
100A
DC
10µs
t
p=3µs
50µs
500µs
20ms
150µs
f, SWITCHING FREQUENCY
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 1. Collector current as a function of
switching frequency
(Tj
≤ 150°C, D = 0.5, VCE = 600V,
VGE = 0/+15V, RG = 15
Ω)
Figure 2. Safe operating area
(D = 0, TC = 25
°C,
Tj
≤150°C;VGE=15V)
25°C
50°C
75°C
100°C
125°C
0W
50W
100W
150W
200W
250W
25°C
75°C
125°C
0A
10A
20A
30A
40A
50A
60A
70A
TC, CASE TEMPERATURE
TC, CASE TEMPERATURE
Figure 3. Power dissipation as a function of
case temperature
(Tj
≤ 150°C)
Figure 4. Collector current as a function of
case temperature
(VGE
≥ 15V, Tj ≤ 150°C)
Ic
Ic


Similar Part No. - IHW40T120_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW40T120 INFINEON-IHW40T120 Datasheet
354Kb / 14P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Mar-04
More results

Similar Description - IHW40T120_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW20T120 INFINEON-IHW20T120 Datasheet
320Kb / 14P
   Soft Switching Series
Rev. 2 Apr-04
IHW30N90T INFINEON-IHW30N90T_08 Datasheet
293Kb / 12P
   Soft Switching Series
Rev. 2.3 Nov 08
IHW30N60T INFINEON-IHW30N60T_08 Datasheet
365Kb / 12P
   Soft Switching Series
Rev. 2.2 Sep. 08
IHW30N100R INFINEON-IHW30N100R_08 Datasheet
330Kb / 12P
   Soft Switching Series
Rev. 2.2 Nov 08
IHW30N100T INFINEON-IHW30N100T_08 Datasheet
318Kb / 12P
   Soft Switching Series
Rev. 2.7 Nov 08
IHW30N120R2 INFINEON-IHW30N120R2_09 Datasheet
363Kb / 12P
   Soft Switching Series
Rev. 1.5 Dec. 09
logo
MIC GROUP RECTIFIERS
SFR101 MIC-SFR101 Datasheet
51Kb / 2P
   SOFT RECOVERY FAST SWITCHING RECTIFIER
SFR501 MIC-SFR501 Datasheet
52Kb / 2P
   SOFT RECOVERY FAST SWITCHING RECTIFIER
SFR301 MIC-SFR301 Datasheet
52Kb / 2P
   SOFT RECOVERY FAST SWITCHING RECTIFIER
logo
Micro Linear Corporatio...
ML4818 MICRO-LINEAR-ML4818 Datasheet
230Kb / 12P
   Phase Modulation/Soft Switching Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com