Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IHW30N100R Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IHW30N100R
Description  Soft Switching Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IHW30N100R Datasheet(HTML) 1 Page - Infineon Technologies AG

  IHW30N100R Datasheet HTML 1Page - Infineon Technologies AG IHW30N100R Datasheet HTML 2Page - Infineon Technologies AG IHW30N100R Datasheet HTML 3Page - Infineon Technologies AG IHW30N100R Datasheet HTML 4Page - Infineon Technologies AG IHW30N100R Datasheet HTML 5Page - Infineon Technologies AG IHW30N100R Datasheet HTML 6Page - Infineon Technologies AG IHW30N100R Datasheet HTML 7Page - Infineon Technologies AG IHW30N100R Datasheet HTML 8Page - Infineon Technologies AG IHW30N100R Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
IHW30N100R
Soft Switching Series
q
Power Semiconductors
1
Rev. 2.2 Nov 08
Reverse Conducting IGBT with monolithic body diode
Features:
1.5V Forward voltage of monolithic body Diode
Full Current Rating of monolithic body Diode
Specified for TJmax = 175°C
Trench and Fieldstop technology for 1000 V applications offers :
- very tight parameter distribution
- high ruggedness, temperature stable behavior
- easy parallel switching capability due to positive
temperature coefficient in VCE(sat)
Low EMI
Qualified according to JEDEC
1 for target applications
Pb-free lead plating; RoHS compliant
Applications:
Microwave Oven
Soft Switching Applications
Type
VCE
IC
VCE(sat),Tj=25°C
Tj,max
Marking
Package
IHW30N100R
1000V
30A
1.5V
175
°C H30R100
PG-TO-247-3
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
V CE
1000
V
DC collector current
TC = 25°C
TC = 100°C
I C
60
30
Pulsed collector current, tp limited by Tjmax
I Cpuls
90
Turn off safe operating area VCE ≤ 1000V, Tj ≤ 175°C
-
90
Diode forward current
TC = 25°C
TC = 100°C
I F
60
30
Diode pulsed current, tp limited by Tjmax
I Fpuls
90
A
Gate-emitter voltage
Transient Gate-emitter voltage (tp < 5 ms)
V GE
±20
±25
V
Power dissipation, TC = 25°C
P tot
412
W
Operating junction temperature
T j
-40...+175
°C
Storage temperature
T stg
-55...+175
Soldering temperature, 1.6mm (0.063 in.) from case for 10s
-
260
°C
1 J-STD-020 and JESD-022
G
C
E
PG-TO-247-3


Similar Part No. - IHW30N100R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW30N100R INFINEON-IHW30N100R Datasheet
370Kb / 12P
   Reverse Conducting IGBT with monolithic body diode
Rev. 2 July 06
IHW30N100R INFINEON-IHW30N100R Datasheet
201Kb / 10P
   HighSpeed 2-Technology
Mar-04, Rev. 2.0
More results

Similar Description - IHW30N100R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IHW20T120 INFINEON-IHW20T120 Datasheet
320Kb / 14P
   Soft Switching Series
Rev. 2 Apr-04
IHW30N90T INFINEON-IHW30N90T_08 Datasheet
293Kb / 12P
   Soft Switching Series
Rev. 2.3 Nov 08
IHW30N60T INFINEON-IHW30N60T_08 Datasheet
365Kb / 12P
   Soft Switching Series
Rev. 2.2 Sep. 08
IHW30N100T INFINEON-IHW30N100T_08 Datasheet
318Kb / 12P
   Soft Switching Series
Rev. 2.7 Nov 08
IHW30N120R2 INFINEON-IHW30N120R2_09 Datasheet
363Kb / 12P
   Soft Switching Series
Rev. 1.5 Dec. 09
IHW40T120 INFINEON-IHW40T120_08 Datasheet
360Kb / 14P
   Soft Switching Series
Rev. 2.3 Sep 08
logo
MIC GROUP RECTIFIERS
SFR101 MIC-SFR101 Datasheet
51Kb / 2P
   SOFT RECOVERY FAST SWITCHING RECTIFIER
SFR501 MIC-SFR501 Datasheet
52Kb / 2P
   SOFT RECOVERY FAST SWITCHING RECTIFIER
SFR301 MIC-SFR301 Datasheet
52Kb / 2P
   SOFT RECOVERY FAST SWITCHING RECTIFIER
logo
Micro Linear Corporatio...
ML4818 MICRO-LINEAR-ML4818 Datasheet
230Kb / 12P
   Phase Modulation/Soft Switching Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com