Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2365B-40F80L Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # XC2365B-40F80L
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2365B-40F80L Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button XC2365B-40F80L Datasheet HTML 5Page - Infineon Technologies AG XC2365B-40F80L Datasheet HTML 6Page - Infineon Technologies AG XC2365B-40F80L Datasheet HTML 7Page - Infineon Technologies AG XC2365B-40F80L Datasheet HTML 8Page - Infineon Technologies AG XC2365B-40F80L Datasheet HTML 9Page - Infineon Technologies AG XC2365B-40F80L Datasheet HTML 10Page - Infineon Technologies AG XC2365B-40F80L Datasheet HTML 11Page - Infineon Technologies AG XC2365B-40F80L Datasheet HTML 12Page - Infineon Technologies AG XC2365B-40F80L Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 128 page
background image
XC2361B, XC2363B, XC2364B, XC2365B
XC2000 Family / Value Line
Summary of Features
Data Sheet
9
V1.2, 2010-04
Ordering Information
The ordering code for an Infineon microcontroller provides an exact reference to a
specific product. This ordering code identifies:
the derivative itself, i.e. its function set, the temperature range, and the supply voltage
the temperature range:
– SAF-…: -40°C to 85°C
– SAK-…: -40°C to 125°C
the package and the type of delivery.
For ordering codes for the XC236xB please contact your sales representative or local
distributor.
This document describes several derivatives of the XC236xB group:
Basic Device Types are readily available and
Special Device Types are only available on request.
As this document refers to all of these derivatives, some descriptions may not apply to a
specific product, in particular to the special device types.
For simplicity the term XC236xB is used for all derivatives throughout this document.


Similar Part No. - XC2365B-40F80L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2365B INFINEON-XC2365B Datasheet
733Kb / 128P
   16/32-Bit Single-Chip Microcontroller
V1.5 2014-06
More results

Similar Description - XC2365B-40F80L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
XC2787X INFINEON-XC2787X Datasheet
1Mb / 144P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
XC2766X INFINEON-XC2766X Datasheet
1Mb / 100P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Sep. 2007
XC236X INFINEON-XC236X Datasheet
4Mb / 99P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, June 2007
XC2785X INFINEON-XC2785X Datasheet
1Mb / 136P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC226X INFINEON-XC226X Datasheet
2Mb / 101P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Feb. 2007
XC2288H INFINEON-XC2288H_11 Datasheet
1Mb / 151P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2011-07
XC2232N INFINEON-XC2232N_13 Datasheet
2Mb / 110P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.5 2013-02
XC2764X INFINEON-XC2764X Datasheet
1Mb / 125P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-04
XC2298H INFINEON-XC2298H Datasheet
1Mb / 157P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com