Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATA5771 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATA5771
Description  Output Power of 8dBm at 315MHz / 7.5dBm at 433.92 MHz / 5.5dBm at 868.3MHz
Download  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5771 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATA5771_10 Datasheet HTML 3Page - ATMEL Corporation ATA5771_10 Datasheet HTML 4Page - ATMEL Corporation ATA5771_10 Datasheet HTML 5Page - ATMEL Corporation ATA5771_10 Datasheet HTML 6Page - ATMEL Corporation ATA5771_10 Datasheet HTML 7Page - ATMEL Corporation ATA5771_10 Datasheet HTML 8Page - ATMEL Corporation ATA5771_10 Datasheet HTML 9Page - ATMEL Corporation ATA5771_10 Datasheet HTML 10Page - ATMEL Corporation ATA5771_10 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 219 page
background image
7
9137E–RKE–12/10
Atmel ATA5771/73/74
3.
Functional Description
Figure 1-1 on page 2 and Figure 1-2 on page 3 show the interconnections between the micro-
controller and the RF part for a typical application. In the recommended application circuits the
clock output of the RF transmitter is connected to the microcontroller in order to be able to
generate data rate with tolerance lower than 3%. The transmitter’s crystal oscillator (XTO),
Phase Locked Loop (PLL) and clock generation are started using pin ENABLE. The Power
amplifier (PA) is activated using the connection to the pin PA_ENABLE. The FSK modulation
is performed due to pulling of the crystal load capacitance for this purpose the microcontroller
out put port together with an external switch applies this modulation technique. For the ASK
modulation the power amplifier will be switched on and of by modulating the PA_ENABLE pin
due to the data.
To wake up the system from standby mode at least one event is required, which will be
performed by pushing tone button. After this event the microcontroller starts up with the inter-
nal RC oscillator. For the TX operation the user software must additionally control just 2 pins,
the pin ENABLE and pin PA_ENABLE. In case of the FSK modulation one additional connec-
tion from microcontroller is necessary to perform the pulling of the crystal load capacitance.
If ENABLE and PA_ENABLE are set to LOW the transmitter is in standby mode with the suit-
able mode setting of the microcontroller (MCU) the power consumption will be reduced.
If ENABLE is set to HIGH and PA_ENABLE to LOW, the XTO, PLL, and the Clock driver of the
RF transmitter are activated and the VCO frequency is 32 times the XTO frequency. The
Atmel ATA5771 and Atmel ATA5774 require typically shorter than 1 ms until the PLL is locked
and the transmitter’s clock output is stable, while the Atmel ATA5773 requires time shorter
than 3 ms for this progress.
If both ENABLE and PA_ENABLE are set to HIGH the whole RF transmitter (XTO, PLL, Clock
driver and power Amplifier) is activated. The ASK modulation is achieved by switching on and
off the power amplifier via pin PA_ENABLE. The FSK modulation is performed by pulling the
crystal load capacitor which will change the reference frequency of the PLL due to the data.
The microcontroller modulates the load capacitance of the crystal using an external switch. A
MOS transistor with a low parasitic capacitance is recommended to be used for this purpose.
During the FSK modulation is the PA_ENABLE pin set to HIGH.
To generate the data for the telegram the internal RC oscillator of the microcontroller is not
accurate enough because this will be affected by ambient temperature and operating voltage.
To reduce the variation of the data rate lower than 3% the clock frequency generated by the
RF transmitter should be used as a reference. The MCU has to wait at least longer than 3 ms
for ATA5773 after setting ENABLE to HIGH, before the clock output from the RF transmitter
can be used. For ATA5771 and ATA5774 the MCU must wait longer than 1 ms until the clock
output is stable. The clock output with the crystal tolerance is connected to the timer0 of the
MCU. This timer clocks the USI to generate the data rate. In the Two serial synchronous data
transfer modes will be provided by USI. This will be pass out with different physical I/O ports,
two wire mode is used for ASK and the three wire mode for FSK.


Similar Part No. - ATA5771_10

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5771-PXQW ATMEL-ATA5771-PXQW Datasheet
5Mb / 284P
   Microcontroller with UHF ASK/FSK Transmitter
ATA5771-PXQW ATMEL-ATA5771-PXQW Datasheet
4Mb / 287P
   Microcontroller with UHF ASK/FSK Transmitter
ATA5771 ATMEL-ATA5771_09 Datasheet
4Mb / 287P
   Microcontroller with UHF ASK/FSK Transmitter
More results

Similar Description - ATA5771_10

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-3535A850-D60 EHAOAN-EH-3535A850-D60 Datasheet
3Mb / 9P
   High output power at 850nm
EH-3535A850-B60 EHAOAN-EH-3535A850-B60 Datasheet
3Mb / 9P
   High output power at 850nm
EH-2835S850-2045 EHAOAN-EH-2835S850-2045 Datasheet
3Mb / 9P
   High output power at 850nm
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7332 AVAGO-ACPM-7332 Datasheet
1Mb / 16P
   high efficiency at max output power
ACPM-7372 AVAGO-ACPM-7372 Datasheet
1Mb / 16P
   high efficiency at max output power
logo
MICORO CRYSTAL SWITZERL...
CC6A-T1AH MICROCRYSTAL-CC6A-T1AH Datasheet
585Kb / 2P
   AT Crystal 16 MHz - 40 MHz
CC1A-T1AH MICROCRYSTAL-CC1A-T1AH Datasheet
1Mb / 2P
   AT Crystal 8 MHz -24 MHz
CC2A-T1A MICROCRYSTAL-CC2A-T1A Datasheet
583Kb / 2P
   AT Crystal 12 MHz - 70 MHz
CC2A-T1AH MICROCRYSTAL-CC2A-T1AH Datasheet
599Kb / 2P
   AT Crystal 14 MHz - 40 MHz
CC6A-T1A MICROCRYSTAL-CC6A-T1A Datasheet
798Kb / 2P
   AT Crystal 16 MHz - 70 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com