Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC2365 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # XC2365
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2365 Datasheet(HTML) 4 Page - Infineon Technologies AG

  XC2365_08 Datasheet HTML 1Page - Infineon Technologies AG XC2365_08 Datasheet HTML 2Page - Infineon Technologies AG XC2365_08 Datasheet HTML 3Page - Infineon Technologies AG XC2365_08 Datasheet HTML 4Page - Infineon Technologies AG XC2365_08 Datasheet HTML 5Page - Infineon Technologies AG XC2365_08 Datasheet HTML 6Page - Infineon Technologies AG XC2365_08 Datasheet HTML 7Page - Infineon Technologies AG XC2365_08 Datasheet HTML 8Page - Infineon Technologies AG XC2365_08 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 112 page
background image
XC2365
XC2000 Family Derivatives
Data Sheet
V2.1, 2008-08
XC2365
Revision History: V2.1, 2008-08
Previous Version(s):
V2.0, 2008-03, Preliminary
V0.1, 2007-06, Preliminary
Page
Subjects (major changes since last revision)
several
Maximum frequency changed to 80 MHz
13f
Missing ADC0 channels added
27
Voltage domain for XTAL1/XTAL2 corrected to M
66
Coupling factors corrected
71, 73
Improved leakage parameters
72, 74
Pin leakage formula corrected
79
Improved ADC error values
92f
Improved definition of external clock parameters
105
JTAG clock speed corrected
We Listen to Your Comments
Any information within this document that you feel is wrong, unclear or missing at all?
Your feedback will help us to continuously improve the quality of this document.
Please send your proposal (including a reference to this document) to:
mcdocu.comments@infineon.com


Similar Part No. - XC2365_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2365-XXF66L INFINEON-XC2365-XXF66L Datasheet
4Mb / 647P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
V1.0, June 2007
XC2365A INFINEON-XC2365A Datasheet
1,007Kb / 123P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2365A INFINEON-XC2365A Datasheet
3Mb / 127P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.12 2014-06
XC2365B INFINEON-XC2365B Datasheet
1Mb / 128P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-04
XC2365B INFINEON-XC2365B Datasheet
733Kb / 128P
   16/32-Bit Single-Chip Microcontroller
V1.5 2014-06
More results

Similar Description - XC2365_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
XC2336A INFINEON-XC2336A Datasheet
869Kb / 102P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC2261N INFINEON-XC2261N Datasheet
1Mb / 130P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2010-04
XC2787X INFINEON-XC2787X Datasheet
1Mb / 144P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
XC2766X INFINEON-XC2766X Datasheet
1Mb / 100P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Sep. 2007
XC236X INFINEON-XC236X Datasheet
4Mb / 99P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, June 2007
XC2785X INFINEON-XC2785X Datasheet
1Mb / 136P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V2.0 2009-03
XC226X INFINEON-XC226X Datasheet
2Mb / 101P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V0.1, Feb. 2007
XC2288H INFINEON-XC2288H_11 Datasheet
1Mb / 151P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.3 2011-07
XC2232N INFINEON-XC2232N_13 Datasheet
2Mb / 110P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.5 2013-02
XC2764X INFINEON-XC2764X Datasheet
1Mb / 125P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-04
XC2298H INFINEON-XC2298H Datasheet
1Mb / 157P
   16/32-Bit Single-Chip Microcontroller with 32-Bit Performance
V1.2 2010-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com