Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT89LP52-20AU Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT89LP52-20AU
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
Download  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP52-20AU Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT89LP52-20AU Datasheet HTML 7Page - ATMEL Corporation AT89LP52-20AU Datasheet HTML 8Page - ATMEL Corporation AT89LP52-20AU Datasheet HTML 9Page - ATMEL Corporation AT89LP52-20AU Datasheet HTML 10Page - ATMEL Corporation AT89LP52-20AU Datasheet HTML 11Page - ATMEL Corporation AT89LP52-20AU Datasheet HTML 12Page - ATMEL Corporation AT89LP52-20AU Datasheet HTML 13Page - ATMEL Corporation AT89LP52-20AU Datasheet HTML 14Page - ATMEL Corporation AT89LP52-20AU Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 113 page
background image
11
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
3.1.1
External Program Memory Interface
The AT89LP51/52 uses the standard 8051 external program memory interface with the upper
address on Port 2, the lower address and data in/out multiplexed on Port 0, and the ALE and
PSEN strobes. Program memory addresses are always 16-bits wide, even though the actual
amount of program memory used may be less than 64K byes. External program execution sacri-
fices two full 8-bit ports, P0 and P2, to the function of addressing the program memory.
Figure 3-2 shows a hardware configuration for accessing up to 64K bytes of external ROM using
a 16-bit linear address. Port 0 serves as a multiplexed address/data bus to the ROM. The
Address Latch Enable strobe (ALE) is used to latch the lower address byte into an external reg-
ister so that Port 0 can be freed for data input/output. Port 2 provides the upper address byte
throughout the operation. PSEN strobes the external memory.
Figure 3-3 shows the timing of the external program memory interface. ALE is emitted at a con-
stant rate of 1/3 of the system clock with a 1/3 duty cycle. PSEN is emitted at a similar rate, but
with 50% duty cycle. The new address changes in the middle of the ALE pulse for latching on
the falling edge and is tristated at the falling edge of PSEN. The instruction data is sampled from
P0 and latched internally during the high phase of the clock prior to the rising edge of PSEN.
This timing applies to both Compatibility and Fast modes. In Compatibility mode there is no dif-
ference in instruction timing between internal and external execution.
Figure 3-2.
Executing from External Program Memory
Figure 3-3.
External Program Memory Fetches
AT89LP
EXTERNAL
PROGRAM
MEMORY
INSTR.
ADDR
OE
PSEN
P3
P2
ALE
P0
P1
LATCH
CLK
ALE
PSEN
FLOAT
PCL
OUT
P0
PCH OUT
P2
PCH OUT
PCH OUT
DATA
SAMPLED
PCL
OUT
PCL
OUT
DATA
SAMPLED
DATA
SAMPLED


Similar Part No. - AT89LP52-20AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP52-20AU ATMEL-AT89LP52-20AU Datasheet
4Mb / 113P
   8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
More results

Similar Description - AT89LP52-20AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
   8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com