Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17008GTI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX17008GTI
Description  Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17008GTI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX17008GTI Datasheet HTML 1Page - Maxim Integrated Products MAX17008GTI Datasheet HTML 2Page - Maxim Integrated Products MAX17008GTI Datasheet HTML 3Page - Maxim Integrated Products MAX17008GTI Datasheet HTML 4Page - Maxim Integrated Products MAX17008GTI Datasheet HTML 5Page - Maxim Integrated Products MAX17008GTI Datasheet HTML 6Page - Maxim Integrated Products MAX17008GTI Datasheet HTML 7Page - Maxim Integrated Products MAX17008GTI Datasheet HTML 8Page - Maxim Integrated Products MAX17008GTI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Dual and Combinable QPWM Graphics
Core Controllers for Notebook Computers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 12V, VDD = VCC = VEN1 = VEN2 = 5V, VREFIN1 = 2V, SKIP = GND, TA = 0 to +85°C, unless otherwise noted. Typical values are
at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
BST1, BST2 to GND ...............................................-0.3V to +34V
BST1, BST2 to VDD.................................................-0.3V to +28V
TON1, TON2 to GND..............................................-0.3V to +28V
VDD to GND ..............................................................-0.3V to +6V
VDD to VCC ............................................................-0.3V to +0.3V
LX1 to BST1..............................................................-6V to +0.3V
LX2 to BST2..............................................................-6V to +0.3V
DH1 to LX1 ..............................................-0.3V to (VBST1 + 0.3V)
DH2 to LX2 ..............................................-0.3V to (VBST2 + 0.3V)
ILIM1, ILIM2, REF to GND ..........................-0.3V to (VCC + 0.3V)
CSH1, CSH2, CSL1, CSL2, FB2, REFIN1 to GND....-0.3V to +6V
EN1, EN2, SKIP, PGOOD1, PGOOD2 to GND.........-0.3V to +6V
DL1 to GND ................................................-0.3V to (VDD + 0.3V)
DL2 to PGND..............................................-0.3V to (VDD + 0.3V)
PGND to GND ......................................................-0.3V to + 0.3V
REF Short Circuit to GND ...........................................Continuous
Continuous Power Dissipation (TA = +70°C)
28-Pin TQFN T2844-1
(derate 20.8mW/°C above +70°C) ............................1667mW
Extended Operating Temperature Range .........-40°C to +105°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature ....................................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PWM CONTROLLER
Input Voltage Range
VIN
4.5
26
V
Quiescent Supply Current
(VDD, VCC)
IDD + ICC
Output forced above regulation voltage,
VEN1 = VEN2 = 5V
1.7
2.5
mA
Shutdown Supply Current
(VDD, VCC)
ISHDN
EN1 = EN2 = GND, TA = +25°C
0.1
5
µA
RTON1 = RTON2 =
97.5k
(600kHz)
142
(-15%)
174
194
(+15%)
RTON1 = RTON2 =
200k
(300kHz)
305
(-10%)
336
368
(+10%)
On-Time (Note 1)
tON1, tON2
VIN = 12V,
VCSL1 = VCSL2 =
VCCI = 1.2V,
separate or
combined mode
RTON1 = RTON2 =
302.5k
(200kHz)
425
(-15%)
500
575
(+15%)
ns
Minimum Off-Time
tOFF(MIN)
(Note 1)
250
400
ns
TON1, TON2, Shutdown Supply
Current
ITON1,
ITON2
EN1 = EN2 = GND, VTON1 = VTON2 = 26V,
VDD = 0 or 5V, TA = +25°C
0.01
1
µA
REFIN1 Voltage Range
VREFIN1
(Note 2)
0
VREF
V
FB2 Regulation Voltage
VFB2
Adjustable mode
0.7
V
FB2 Input Voltage Range
Preset mode
1.7
2.3
V
FB2 Combined-Mode Threshold
Combined mode
3.8
VCC -
1V
VCC -
0.4
V
REFIN1 Dual Mode™
Switchover Threshold
3.8
VCC -
1V
VCC -
0.4
V
REFIN1, FB2 Bias Current
IREFIN1,
IFB2
REFIN1 = 0.5V to 2V;
VFB2 = 0.7V, TA = +25°C
-0.1
+0.1
µA
VCSL1
Measured at CSL1, REFIN1 = VCC,
VIN = 2V to 26V,
SKIP = VCC (Note 2)
1.043
1.05
1.057
V
TA = +25°C
-12
+12
REFIN1 = 500mV,
SKIP = VCC
TA = 0°C to +85°C
-20
+20
SMPS1 Voltage Accuracy
VCSL1 -
VREFIN1
REFIN1 = 2V,
SKIP = VCC
-20
+20
mV
Dual Mode is a trademark of Maxim Integrated Products, Inc.


Similar Part No. - MAX17008GTI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17008GTI MAXIM-MAX17008GTI Datasheet
579Kb / 35P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 0; 2/08
MAX17008GTI++ MAXIM-MAX17008GTI+ Datasheet
708Kb / 36P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 2; 10/08
More results

Similar Description - MAX17008GTI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17007A MAXIM-MAX17007A Datasheet
708Kb / 36P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 2; 10/08
MAX17007 MAXIM-MAX17007 Datasheet
579Kb / 35P
   Dual and Combinable QPWM Graphics Core Controllers for Notebook Computers
Rev 0; 2/08
MAX8775 MAXIM-MAX8775 Datasheet
1Mb / 30P
   Dual and Combinable Graphics Core Controller for Notebook Computers
Rev 0; 11/06
MAX8716 MAXIM-MAX8716_V01 Datasheet
709Kb / 30P
   Interleaved High-Efficiency, Dual Power-Supply Controllers for Notebook Computers
2007
MAX8716 MAXIM-MAX8716 Datasheet
730Kb / 30P
   Interleaved High-Efficiency, Dual Power-Supply Controllers for Notebook Computers
Rev 1; 6/05
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
   Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
logo
Richtek Technology Corp...
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
   High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8205A RICHTEK-RT8205A Datasheet
497Kb / 28P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206BGQW RICHTEK-RT8206BGQW Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com