Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFX1117GSV33 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IFX1117GSV33
Description  Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX1117GSV33 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IFX1117GSV33 Datasheet HTML 1Page - Infineon Technologies AG IFX1117GSV33 Datasheet HTML 2Page - Infineon Technologies AG IFX1117GSV33 Datasheet HTML 3Page - Infineon Technologies AG IFX1117GSV33 Datasheet HTML 4Page - Infineon Technologies AG IFX1117GSV33 Datasheet HTML 5Page - Infineon Technologies AG IFX1117GSV33 Datasheet HTML 6Page - Infineon Technologies AG IFX1117GSV33 Datasheet HTML 7Page - Infineon Technologies AG IFX1117GSV33 Datasheet HTML 8Page - Infineon Technologies AG IFX1117GSV33 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Data Sheet
4
Rev. 1.21, 2009-09-04
IFX 1117
Figure 3
Pin Configuration IFX 1117 GSV (top view)
Table 2
Pin Definitions and Functions IFX 1117 GSV
Pin No.
Symbol Function
1ADJ
Adjust; defines output voltage level by external voltage divider
between Q, ADJ and GND.
2Q
Output; Connect output pin to GND via a capacitor
C
Q ≥ 10 µF
with ESR
≤ 20 Ω (see also graph “Region of Stability”).
3I
Input
4 (TAB)
Q
Output; Connect to pin 2 and heatsink area on PCB
AEP02868_1117_02
123
4
Q
ADJ
I
Q
SOT223


Similar Part No. - IFX1117GSV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX1117GSV33 INFINEON-IFX1117GSV33 Datasheet
618Kb / 15P
   Voltage Regulator
Rev. 1.1, 2004-07-20
More results

Similar Description - IFX1117GSV33

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com