Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFX1117 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IFX1117
Description  Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX1117 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IFX1117 Datasheet HTML 1Page - Infineon Technologies AG IFX1117 Datasheet HTML 2Page - Infineon Technologies AG IFX1117 Datasheet HTML 3Page - Infineon Technologies AG IFX1117 Datasheet HTML 4Page - Infineon Technologies AG IFX1117 Datasheet HTML 5Page - Infineon Technologies AG IFX1117 Datasheet HTML 6Page - Infineon Technologies AG IFX1117 Datasheet HTML 7Page - Infineon Technologies AG IFX1117 Datasheet HTML 8Page - Infineon Technologies AG IFX1117 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Type
Package
Marking
IFX 1117 GSV33
PG-SOT223-4
111733
IFX 1117 GSV
PG-SOT223-4
1117V
Voltage Regulator
Data Sheet
IFX 1117
Data Sheet
1
Rev. 1.21, 2009-09-04
Features
Output voltage 3.3 V or adjustable
1.0 A output current
Low drop voltage < 1.2 V @ 800 mA
Short circuit protected
Overtemperature protected
Operating range up to 15 V
Industrial type
Green Product (RoHS compliant)
For automotive and transportation applications, please refer
to the Infineon TLE and TLF voltage regulator series.
Functional Description
The IFX 1117 is a monolithic integrated fixed NPN type voltage regulator that can supply
loads up to 1.0 A. The device is housed in the small surface mounted SOT223 package.
The IC is equipped with additional protection against overload, short circuit and
overtemperature.
The IFX 1117 GSV33 supplies a regulated output voltage of 3.3 V (
±2%). The
IFX 1117 GSV supplies an output voltage with
±2% precision adjustable via an external
voltage divider. The input voltage for the IFX 1117 GSV33 ranges from 4.5 V (=
V
Q+VDR)
to 15 V for a load current of 800 mA, for the maximum load current of 1.0 A a minimum
input voltage of 4.7 V is required. The drop voltage
V
DR ranges from 1.1 V to 1.4 V
depending on the load current level.
The device operates in the temperature range of
T
j = 0 to 125 °C.


Similar Part No. - IFX1117

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117 Datasheet
618Kb / 15P
   Voltage Regulator
Rev. 1.1, 2004-07-20
IFX1117 INFINEON-IFX1117 Datasheet
604Kb / 15P
   Voltage Regulator
Rev. 1.0, 2011-02-24
IFX1117-MEV33 INFINEON-IFX1117-MEV33 Datasheet
1Mb / 33P
   iMOTION™ Modular Application Design Kit
Revision 1.6 2018-11-27
IFX1117-MEV33 INFINEON-IFX1117-MEV33 Datasheet
1Mb / 41P
   iMOTION™ Modular Application Design Kit
Revision 1.6 2019-07-16
IFX1117GSV INFINEON-IFX1117GSV Datasheet
618Kb / 15P
   Voltage Regulator
Rev. 1.1, 2004-07-20
More results

Similar Description - IFX1117

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com