Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14780EESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX14780EESA
Description  5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14780EESA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX14780EESA Datasheet HTML 4Page - Maxim Integrated Products MAX14780EESA Datasheet HTML 5Page - Maxim Integrated Products MAX14780EESA Datasheet HTML 6Page - Maxim Integrated Products MAX14780EESA Datasheet HTML 7Page - Maxim Integrated Products MAX14780EESA Datasheet HTML 8Page - Maxim Integrated Products MAX14780EESA Datasheet HTML 9Page - Maxim Integrated Products MAX14780EESA Datasheet HTML 10Page - Maxim Integrated Products MAX14780EESA Datasheet HTML 11Page - Maxim Integrated Products MAX14780EESA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8 ______________________________________________________________________________________
+5.0V, ±30kV ESD-Protected, Fail-Safe,
Hot-Swap, RS-485/RS-422 Transceiver
Typical Operating Characteristics (continued)
(VCC = +5.0V, TA = +25°C, unless otherwise noted.)
400ns/div
DRIVER PROPAGATION DELAY (500kbps)
DI
2V/div
MAX14780E toc14
RL = 100Ω
VY - VZ
5V/div
200ns/div
RECEIVER PROPAGATION DELAY
(500kbps)
VA - VB
5V/div
RO
2V/div
MAX14780E toc13
RL = 100Ω
0
40
20
100
80
60
120
140
160
180
RECEIVER PROPAGATION DELAY
vs. TEMPERATURE (500kbps)
-40
-10 5 20
-25
35 50
95
80
110
65
125
TEMPERATURE (°C)
tDPHL
tDPLH
300
400
350
500
450
550
600
DRIVER PROPAGATION DELAY
vs. TEMPERATURE (500kbps)
tDPHL
tDPLH
-40
-10 5 20
-25
35 50
95
80
110
65
125
TEMPERATURE (°C)
0
2
1
5
4
3
6
7
9
8
10
SHUTDOWN CURRENT
vs. TEMPERATURE
-40
-10 5 20
-25
35 50
95
80
110
65
125
TEMPERATURE (°C)


Similar Part No. - MAX14780EESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14780EESA MAXIM-MAX14780EESA Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 1; 7/11
MAX14780EESA++ MAXIM-MAX14780EESA+ Datasheet
1Mb / 14P
   5.0V, ±30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 3; 1/15
More results

Similar Description - MAX14780EESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14780E_1110 MAXIM-MAX14780E_1110 Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 2; 10/11
MAX14780E MAXIM-MAX14780E_15 Datasheet
1Mb / 14P
   5.0V, ±30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 3; 1/15
MAX14780E MAXIM-MAX14780E_11 Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 1; 7/11
MAX13085E MAXIM-MAX13085E_11 Datasheet
2Mb / 14P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
MAX13085EEPA MAXIM-MAX13085EEPA Datasheet
2Mb / 14P
   5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 10/11
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX13080E MAXIM-MAX13080E_14 Datasheet
601Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX13085EASA MAXIM-MAX13085EASA Datasheet
993Kb / 24P
   5.0V, 15,-15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3070E MAXIM-MAX3070E Datasheet
502Kb / 25P
   3.3V, 짹15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com