Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14523BATV Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14523BATV
Description  250mA to 1.5A, Adjustable Current-Limit Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14523BATV Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14523BATV Datasheet HTML 1Page - Maxim Integrated Products MAX14523BATV Datasheet HTML 2Page - Maxim Integrated Products MAX14523BATV Datasheet HTML 3Page - Maxim Integrated Products MAX14523BATV Datasheet HTML 4Page - Maxim Integrated Products MAX14523BATV Datasheet HTML 5Page - Maxim Integrated Products MAX14523BATV Datasheet HTML 6Page - Maxim Integrated Products MAX14523BATV Datasheet HTML 7Page - Maxim Integrated Products MAX14523BATV Datasheet HTML 8Page - Maxim Integrated Products MAX14523BATV Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The MAX14523A/MAX14523AL/MAX14523B/MAX14523C
programmable current-limit switches feature internal
current limiting to prevent damage to host devices due
to faulty load conditions. These current-limit switches
feature a low 70m
Ω on-resistance and operate from a
+1.7V to +5.5V input voltage range. The current limit is
adjustable from 250mA to 1.5A, making these devices
ideal for SDIO (secure digital input/output) and other
load-switching applications.
Each device in the family handles an overcurrent event
differently depending on the option selected. The
MAX14523A/MAX14523AL go into an autoretry mode,
the MAX14523B latches off the switch, and the
MAX14523C features a continuous current-limit mode.
Additional safety features include thermal shutdown to
prevent overheating and reverse-current blocking to
prevent current from being driven back into the source.
The MAX14523A/MAX14523AL/MAX14523B/MAX14523C
are available in a tiny 8-pin, 3mm x 3mm, TDFN pack-
age and operate over the -40°C to +125°C automotive
temperature range.
Applications
SDIO Ports
USB Ports
Notebook VGA Ports
GPS
Cell Phones
MP3 Players
UTCA/ATCA Platforms
Features
♦ Accurate (±10%) Overload Current Limit
♦ Adjustable Current-Limit Threshold
♦ Low-Dropout Voltage (70mV at 1A Load Current)
♦ Short-Circuit Protection
♦ Thermal-Shutdown Protection
♦ Reverse-Current Protection
♦ 170µA (typ) Supply Current
♦ Shutdown Reverse Current, 0.6µA (max)
♦ +1.7V to +5.5V Supply Voltage Range
♦ Tiny 8-Pin, 3mm x 3mm, TDFN Package
250mA to 1.5A, Adjustable
Current-Limit Switches
________________________________________________________________
Maxim Integrated Products
1
Ordering Information/Selector Guide
MAX14523A
MAX14523AL
MAX14523B
MAX14523C
1
μF
RSETI
10k
Ω
BIAS
VOLTAGE
LOAD
CHARGE
PUMP
CONTROL
LOGIC
POWER
SUPPLY
μP
CURRENT
REFERENCE
GND
N.C.
1
μF
OUT
IN
FLAG
ON(ON)*
VPULLUP
*ON FOR THE MAX14523AL ONLY.
Typical Operating Circuit
19-4814; Rev 1; 1/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
PIN-PACKAGE
TOP MARK
ON POLARTIY
OVERCURRENT RESPONSE
MAX14523AATA+
8 TDFN-EP*
BLO
Active-High
Autoretry
MAX14523ALATA+**
8 TDFN-EP*
BLP
Active-Low
Autoretry
MAX14523BATA+
8 TDFN-EP*
BLQ
Active-High
Latch-Off
MAX14523BATA/V+T
8 TDFN-EP*
BLQ
Active-High
Latch-Off
MAX14523CATA+
8 TDFN-EP*
BLS
Active-High
Continuous
Pin Configuration appears at end of data sheet.
Note: All devices are specified over the -40°C to +125°C operating temperature range.
+
Denotes a lead(Pb)-free package/RoHs-compliant package.
/V denotes an automotive qualified part.
*
EP = Exposed pad.
**
Future product—contact factory for availability.


Similar Part No. - MAX14523BATV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14523BATA++ MAXIM-MAX14523BATA+ Datasheet
275Kb / 10P
   250mA to 1.5A, Adjustable Current-Limit Switches
Rev 0; 7/09
MAX14523BATA++ MAXIM-MAX14523BATA+ Datasheet
788Kb / 11P
   250mA to 1.5A, Adjustable Current-Limit Switches
2019
MAX14523BATA/V+T MAXIM-MAX14523BATA/V+T Datasheet
788Kb / 11P
   250mA to 1.5A, Adjustable Current-Limit Switches
2019
More results

Similar Description - MAX14523BATV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14523A MAXIM-MAX14523A Datasheet
275Kb / 10P
   250mA to 1.5A, Adjustable Current-Limit Switches
Rev 0; 7/09
MAX14523A MAXIM-MAX14523A_V01 Datasheet
788Kb / 11P
   250mA to 1.5A, Adjustable Current-Limit Switches
2019
MAX14575A MAXIM-MAX14575A Datasheet
1Mb / 11P
   250mA to 2.5A Adjustable Current-Limit Switches
Rev 0; 9/12
MAX14575A MAXIM-MAX14575A_V01 Datasheet
610Kb / 11P
   250mA to 2.5A Adjustable Current-Limit Switches
2015
MAX4789 MAXIM-MAX4789 Datasheet
325Kb / 12P
   200mA/250mA/300mA Current-Limit Switches
Rev 2; 2/05
MAX4789 MAXIM-MAX4789_08 Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4789 MAXIM-MAX4789_V01 Datasheet
1Mb / 12P
   200mA/250mA/300mA Current-Limit Switches
2019
MAX20314 MAXIM-MAX20314 Datasheet
653Kb / 14P
   500mA to 6A Adjustable Current-Limit Switches
Rev 0; 6/17
MAX20313 MAXIM-MAX20313_V01 Datasheet
715Kb / 14P
   500mA to 6A Adjustable Current-Limit Switches
2019
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com