Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9938FELT Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9938FELT
Description  1uA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9938FELT Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9938FELT Datasheet HTML 1Page - Maxim Integrated Products MAX9938FELT Datasheet HTML 2Page - Maxim Integrated Products MAX9938FELT Datasheet HTML 3Page - Maxim Integrated Products MAX9938FELT Datasheet HTML 4Page - Maxim Integrated Products MAX9938FELT Datasheet HTML 5Page - Maxim Integrated Products MAX9938FELT Datasheet HTML 6Page - Maxim Integrated Products MAX9938FELT Datasheet HTML 7Page - Maxim Integrated Products MAX9938FELT Datasheet HTML 8Page - Maxim Integrated Products MAX9938FELT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
1µA, 4-Bump UCSP/SOT23,
Precision Current-Sense Amplifier
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VRS+ = VRS- = 3.6V, TA = +25°C, unless otherwise noted.)
VOUT vs. VSENSE
(SUPPLY = 1.6V)
VSENSE (mV)
80
60
40
20
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
0100
G = 100
G = 50
G = 25
SMALL SIGNAL GAIN
vs. FREQUENCY
FREQUENCY (kHz)
100kHz
10Hz
1MHz
100Hz
10kHz
1kHz
-5
-10
-15
-20
-25
0
5
-30
1Hz
AV = 25V/V
AV = 100V/V
AV = 50V/V
CMRR
vs. FREQUENCY
FREQUENCY (kHz)
100kHz
10Hz
1MHz
100Hz
10kHz
1kHz
-40
-60
-80
-100
-120
-140
-20
0
-160
1Hz
G = 25
G = 50
G = 100
SMALL-SIGNAL PULSE RESPONSE
(GAIN = 100)
MAX9938 toc13a
20
μs/div
VOUT
VSENSE
1V
1.5V
10mV
15mV
SMALL-SIGNAL PULSE RESPONSE
(GAIN = 50)
MAX9938 toc13b
25
μs/div
VOUT
VSENSE
1V
1.5V
20mV
30mV
-0.5
-0.3
-0.4
-0.1
-0.2
0
0.1
010
15
5
202530
GAIN ERROR
vs. COMMON-MODE VOLTAGE
VOLTAGE (V)
GAIN ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
10
60
85
35
-15
0.06
0.05
0.04
0.03
0.02
0.01
0.07
0.08
0
-40
VOUT vs. VSENSE
(SUPPLY = 3.6V)
VSENSE (mV)
100
50
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
0150
G = 100
G = 25
G = 50


Similar Part No. - MAX9938FELT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9938FELT++ MAXIM-MAX9938FELT+ Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9938FELT++ MAXIM-MAX9938FELT+ Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938FELT++ MAXIM-MAX9938FELT+ Datasheet
1Mb / 15P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2017
More results

Similar Description - MAX9938FELT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
MAX9634 MAXIM-MAX9634_V01 Datasheet
1Mb / 9P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2021
MAX9938 MAXIM-MAX9938_V01 Datasheet
1Mb / 15P
   nanoPower, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
2017
logo
Touchstone Semiconducto...
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com