Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDC28D120T6M Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IDC28D120T6M
Description  Diode EMCON 4 Medium Power Chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IDC28D120T6M Datasheet(HTML) 2 Page - Infineon Technologies AG

  IDC28D120T6M Datasheet HTML 1Page - Infineon Technologies AG IDC28D120T6M Datasheet HTML 2Page - Infineon Technologies AG IDC28D120T6M Datasheet HTML 3Page - Infineon Technologies AG IDC28D120T6M Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IDC28D120T6M
Edited by INFINEON Technologies, AIM PMD D CID T, L4671B, Edition 0.9, 26.06.07
Maximum Ratings
Parameter
Symbol
Condition
Value
Unit
Repetitive peak reverse voltage
V RRM
1200
V
Continuous forward current limited by
Tjmax
I F
1 )
Maximum repetitive forward current
limited by Tjmax
I FRM
100
A
Maximum junction and storage
temperature
Tvj,max ,
Tstg
-40...+175
°C
Reverse bias safe operating area
2)
(RBSOA)
I F,max = 100A, V R,max = 1200V, Tvj,op ≤ 150°C, P max = tbd kW
1 ) depending on thermal properties of assembly
2 ) not subject to production test - verified by design/characterisation
Static Electrical Characteristics (tested on wafer), Tj=25 °C
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
Reverse leakage current
I R
V R=12 00V
Tj=25 ° C
10
µA
Cathode-Anode
breakdown Voltage
V Br
I R=0. 2 5 mA
Tj=25°C
1200
V
Forward voltage drop
V F
I F= 50A
Tj=25 ° C
1.35
1.7
2.05
V
Dynamic Electrical Characteristics inductive load (not subject to production test - verified by
design/characterization)
Value
2)
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
Peak reverse recovery
current
I R M
IF=A
di/dt=A/
µs
VR=V
VGE =- 15V
Tj = 25 °C
Tj = 125 °C
Tj = 150 °C
tbd
A
Reverse recovery
charge
Qr
IF=A
di/dt=A/
µs
VR=V
VGE =- 15V
Tj = 25 °C
Tj = 125 °C
Tj = 150 °C
tbd
µC
Reverse recovery energy
E rec
IF=A
di/dt=A/
µs
VR=V
VGE =- 15V
Tj = 25 °C
Tj = 125 °C
Tj = 150 °C
tbd
mJ
2) values also influenced by parasitic L- and C- in measurement and package.


Similar Part No. - IDC28D120T6M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDC28D120T8M INFINEON-IDC28D120T8M Datasheet
252Kb / 8P
   Emitter Controlled 4 Medium Power Technology
Rev. 2.1, 09.04.2021
More results

Similar Description - IDC28D120T6M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDC73D120T6M INFINEON-IDC73D120T6M Datasheet
57Kb / 4P
   Diode EMCON 4 Medium Power Chip
Edition 0.9, 23.11.06
IDC40D120T6M INFINEON-IDC40D120T6M Datasheet
116Kb / 4P
   Diode EMCON 4 Medium Power Chip
Edition 0.9, 26.06.07
IDC15D120T6M INFINEON-IDC15D120T6M Datasheet
118Kb / 4P
   Diode EMCON 4 Medium Power Chip
Edition 0.9, 26.06.07
IDC51D120T6M INFINEON-IDC51D120T6M Datasheet
56Kb / 4P
   Diode EMCON 4 Medium Power Chip
Edition 0.9, 23.11.06
IDC08D120T6M INFINEON-IDC08D120T6M Datasheet
118Kb / 4P
   Diode EMCON 4 Medium Power Chip
Edition 0.9, 26.06.07
IDC10D120T6M INFINEON-IDC10D120T6M Datasheet
117Kb / 4P
   Diode EMCON 4 Medium Power Chip
Edition 0.9, 26.06.07
IDC21D120T6M INFINEON-IDC21D120T6M Datasheet
116Kb / 4P
   Diode EMCON 4 Medium Power Chip
Edition 0.9, 26.06.07
IDC40D120T6H INFINEON-IDC40D120T6H Datasheet
62Kb / 4P
   Diode EMCON 4 High Power Chip
Edition 0.9, 26.06.07
IDC51D120T6H INFINEON-IDC51D120T6H Datasheet
115Kb / 4P
   Diode EMCON 4 High Power Chip
Edition 0.9, 26.06.07
IDC73D120T6H INFINEON-IDC73D120T6H Datasheet
116Kb / 4P
   Diode EMCON 4 High Power Chip
Edition 0.9, 26.06.07
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com