Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9945 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9945
Description  38V, Low-Noise, MOS-Input, Low-Power Op Amp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9945 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9945_10 Datasheet HTML 1Page - Maxim Integrated Products MAX9945_10 Datasheet HTML 2Page - Maxim Integrated Products MAX9945_10 Datasheet HTML 3Page - Maxim Integrated Products MAX9945_10 Datasheet HTML 4Page - Maxim Integrated Products MAX9945_10 Datasheet HTML 5Page - Maxim Integrated Products MAX9945_10 Datasheet HTML 6Page - Maxim Integrated Products MAX9945_10 Datasheet HTML 7Page - Maxim Integrated Products MAX9945_10 Datasheet HTML 8Page - Maxim Integrated Products MAX9945_10 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
INPUT OFFSET VOLTAGE
vs. COMMON-MODE VOLTAGE
COMMON-MODE VOLTAGE (V)
10
5
0
-10
-5
1000
800
0
600
400
200
-15
38V, Low-Noise, MOS-Input,
Low-Power Op Amp
_______________________________________________________________________________________
5
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
100 120
80
40
60
-20
0
20
1000
800
0
600
400
200
-40
VCM = 0V
VCM = VEE
VCM = VCC - 1.2V
OPEN-LOOP GAIN
vs. FREQUENCY
FREQUENCY (Hz)
120
80
-40
40
0
1m
1
10
100
1k
10k 100k 1M 10M
COMMON-MODE REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
1M
100k
100
1k
10k
-90
-80
-70
-60
-50
-40
-30
-20
-100
10
10M
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
1M
100k
10k
1k
100
10
-100
-80
-60
-40
-20
0
-120
110M
UNIPOLAR
PSRR-
UNIPOLAR
PSRR+
BIPOLAR
PSRR
RESISTOR ISOLATION
vs. CAPACITIVE LOAD
RISO (
Ω)
100
10
1000
10,000
100
1
STABLE
UNSTABLE
Typical Operating Characteristics (continued)
(VCC = +15V, VEE = -15V, VIN+ = VIN- = VGND = 0V, ROUT = 100kΩ to GND, TA = -40°C to +125°C, typical values are at TA = +25°C,
unless otherwise noted.)


Similar Part No. - MAX9945_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9945ATT++ MAXIM-MAX9945ATT+ Datasheet
323Kb / 13P
   38V, Low-Noise, MOS-Input, Low-Power Op Amp
Rev 0; 2/09
MAX9945AUA++ MAXIM-MAX9945AUA+ Datasheet
323Kb / 13P
   38V, Low-Noise, MOS-Input, Low-Power Op Amp
Rev 0; 2/09
More results

Similar Description - MAX9945_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9945 MAXIM-MAX9945 Datasheet
323Kb / 13P
   38V, Low-Noise, MOS-Input, Low-Power Op Amp
Rev 0; 2/09
logo
Microchip Technology
MCP6286 MICROCHIP-MCP6286 Datasheet
430Kb / 28P
   Low Noise, Low Power Op Amp
2009
logo
Linear Technology
LT1792 LINER-LT1792 Datasheet
169Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
LT1792 LINER-LT1792_15 Datasheet
184Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
logo
Analog Devices
AD795 AD-AD795_02 Datasheet
278Kb / 16P
   Low Power, Low Noise Precision FET Op Amp
REV. B
AD795 AD-AD795_15 Datasheet
276Kb / 20P
   Low Power, Low Noise Precision FET Op Amp
REV. C
AD795 AD-AD795 Datasheet
331Kb / 16P
   Low Power, Low Noise Precision FET Op Amp
REV. A
AD795 AD-AD795_09 Datasheet
276Kb / 20P
   Low Power, Low Noise Precision FET Op Amp
REV. C
logo
Linear Technology
LT1113 LINER-LT1113_15 Datasheet
224Kb / 16P
   Dual Low Noise, Precision, JFET Input Op Amp
logo
Maxim Integrated Produc...
MAX40242 MAXIM-MAX40242 Datasheet
531Kb / 12P
   20V, Low Input Bias-Current, Low-Noise, Dual Op Amp
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com