Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

829 Datasheet(PDF) 1 Page - Mill-Max Mfg. Corp.

Part # 829
Description  SPRING-LOADED CONNECTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

829 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp.

  829 Datasheet HTML 1Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.100
.100
.100
.100 (TYP)
(TYP)
A
FRONT VIEW
FRONT VIEW
.415
.415
.165
.165
TOP VIEW
TOP VIEW
Number of Pins X .100"
Number of Pins X .100"
DETAIL ‘A’
DETAIL ‘A’
.050
.050
.038 SQ.
.038 SQ.
.165
.165
.050
.050 .177
.177
.129
.129
.121
.121
.294
.294
.025 DIA.
.025 DIA.
Technical Specifications
Materials:
Contact piston & Base: Machined copper alloy plated 20µ” gold
over 100µ” nickel.
Spring: Beryllium copper plated 10µ” gold
Insulator: High temp. thermoplastic rated UL94 V-0
Mechanical:
Spring force @ initial height: 25 grams
Spring force @ mid stroke: 60 grams
Durability: 1,000,000 cycles min.
Electrical:
Voltage rating: 100Vrms/150Vdc
Current rating: 2A (continous), 3A (peak) per contact
Contact resistance: 20m
Ω max.
Insulation resistance: 10,000M
Ω min.
Dielectric strength: 700Vrms min.
Capacitance: 1pF max.
.100
.100
.100
.100
.050
.050
Number of Pins x .100
Number of Pins x .100
(TYP)
(TYP)
Single Row Series 829
SPRING-LOADED CONNECTORS
Right Angle Mount
Single Row Strips
www.mill-max.com
 516-922-6000
12.1
Series 829...001101
RoHS
2002/95/EC
Ordering Information
For Electrical,
Mechanical & Enviromental
Data, See pg. 4.1
For RoHS compliance
select plating code.
.148
.148
.100
.100
Suggested P.C.B Footprint
Suggested P.C.B Footprint
(TYP)
(TYP)
(2x) .057" MIN. MOUNTING HOLE
(2x) .057" MIN. MOUNTING HOLE
.032"
DIA. PTH
.032"
DIA. PTH
.003"
.003"
+
-
829-22-0_ _-20-001101
Specify # of pins
02-10
Series 829
Single Row Right Angle
• Modular contacts for use on .100” grid, available in
a height of .294”, supplied in single contact strips.
• Precision-machined piston / base and gold plated
components assure a 1,000,000 min. cycle life.
• Pistons have a .045” mid stroke and .090” max
stroke.
• Low resistance, high current contacts are rated at
2 amps continuous, 3 amps peak.
• High temperature thermoplastic insulators are suit-
able for wave and reflow soldering processes.
• 829 series contact strips are designed for manual
placement into Ø .032±.003” plated-thru-holes in
the circuit board prior to hand, wave or reflow
soldering.


Similar Part No. - 829

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
829-22-001-20-002101 MILL-MAX-829-22-001-20-002101 Datasheet
112Kb / 2P
   Interconnect Header
829-22-002-20-002101 MILL-MAX-829-22-002-20-002101 Datasheet
106Kb / 2P
   Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
829-22-003-20-002101 MILL-MAX-829-22-003-20-002101 Datasheet
106Kb / 2P
   Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
829-22-004-20-002101 MILL-MAX-829-22-004-20-002101 Datasheet
107Kb / 2P
   Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
829-22-005-20-002101 MILL-MAX-829-22-005-20-002101 Datasheet
107Kb / 2P
   Interconnect Header Spring-Loaded Header Horizontal Mount Single Row Through Hole
More results

Similar Description - 829

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
0900-0-00-00-00-00-11-0 MILL-MAX-0900-0-00-00-00-00-11-0 Datasheet
318Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0905 MILL-MAX-0905 Datasheet
145Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0906-0-15-20-76-14-11-0 MILL-MAX-0906-0-15-20-76-14-11-0 Datasheet
400Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0950-0-15-20-71-14-11-0 MILL-MAX-0950-0-15-20-71-14-11-0 Datasheet
219Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0850-0-15-20-83-14-11-0 MILL-MAX-0850-0-15-20-83-14-11-0 Datasheet
205Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0910-0-57-20-76-14-11-0 MILL-MAX-0910-0-57-20-76-14-11-0 Datasheet
308Kb / 1P
   SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
logo
Precid-Dip Durtal SA
811-SS-007-30-001101 PREDIP-811-SS-007-30-001101 Datasheet
20Kb / 3P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
802-10-016-30-507101 PREDIP-802-10-016-30-507101 Datasheet
19Kb / 2P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
8PM-11-0004-02-131 PREDIP-8PM-11-0004-02-131 Datasheet
18Kb / 2P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
802-10-018-30-507101 PREDIP-802-10-018-30-507101 Datasheet
19Kb / 2P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com