Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER607 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # HER607
Description  HIGH EFFICIENT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

HER607 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  HER607 Datasheet HTML 1Page - EIC discrete Semiconductors HER607 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HER601 - HER608
PRV : 50 - 1000 Volts
Io : 6.0 Amperes
FEATURES :
* High surge current capability
* Low leakage current
* Forward voltage drop
* Low power loss
* High efficiency
* Pb / RoHS Free
MECHANICAL DATA :
* Case : Void-free molded plastic body
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight :
2.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specifie.
Single phase, half wave, 60 Hz, resistive or inductive load
For capacitive load, derate current by 20%
HER
HER
HER
HER
HER
HER
HER
HER
601
602
603
604
605
606
607
608
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
1000
V
Maximum Average Forward Current
0.375"(9.5mm) Lead Length
Ta = 55
°C
Maximum Peak Forward Surge Current,
8.3ms Single half sine wave superimposed
on rated load (JEDEC Method)
Maximum Forward Voltage at I F = 6.0 A
VF
1.1
1.7
V
Maximum DC Reverse Current
Ta = 25
°C
IR
10
μA
at Rated DC Blocking Voltage
Ta = 100
°C
IR(H)
50
μA
Maximum Reverse Recovery Time ( Note 1 )
Trr
50
75
ns
Typical Junction Capacitance ( Note 2 )
CJ
50
pf
Junction Temperature Range
TJ
- 65 to + 150
°C
Storage Temperature Range
TSTG
- 65 to + 150
°C
Notes :
( 1 ) Reverse Recovery Test Conditions : IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A.
( 2 ) Measured at 1.0 MHz and applied reverse voltage of 4.0 VDC
Page 1 of 2
Rev. 01 : February 20, 2006
RATING
UNIT
IFSM
IF(AV)
6.0
SYMBOL
RECTIFIER DIODES
HIGH EFFICIENT
A
A
200
0.360 (9.1)
0.340 (8.6)
D6
0.360 (9.1)
0.340 (8.6)
0.052 (1.32)
0.048 (1.22)
Dimensions in inches and ( millimeters )
1.00 (25.4)
MIN.
1.00 (25.4)
MIN.


Similar Part No. - HER607

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER607 WTE-HER607 Datasheet
48Kb / 3P
   6.0A HIGH EFFICIENCY RECTIFIER
logo
Nanjing International G...
HER607 DGNJDZ-HER607 Datasheet
309Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Shanghai Lunsure Electr...
HER607 CHENYI-HER607 Datasheet
57Kb / 2P
   6.0Amp high efficient rectifiers 50to1000 volts
logo
First Silicon Co., Ltd
HER607 FS-HER607 Datasheet
691Kb / 2P
   High Efficiency Rectifiers Reverse Voltage 50V~1000 Volts , Forward Current 6.0 Ampers
logo
Shanghai Shunye Electro...
HER607 SHUNYE-HER607 Datasheet
233Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER607

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
HER301 EIC-HER301_05 Datasheet
55Kb / 2P
   HIGH EFFICIENT
HER201 EIC-HER201_05 Datasheet
56Kb / 2P
   HIGH EFFICIENT
HER151 EIC-HER151_05 Datasheet
55Kb / 2P
   HIGH EFFICIENT
HER101 EIC-HER101_05 Datasheet
55Kb / 2P
   HIGH EFFICIENT
HER251 EIC-HER251_05 Datasheet
54Kb / 2P
   HIGH EFFICIENT
HER501 EIC-HER501_05 Datasheet
55Kb / 2P
   HIGH EFFICIENT
logo
Yangzhou yangjie electr...
HER601 YANGJIE-HER601_11 Datasheet
133Kb / 2P
   High Efficient Rectifier
logo
Taiwan Semiconductor Co...
HER101 TSC-HER101_14 Datasheet
377Kb / 4P
   High Efficient Rectifiers
logo
Yangzhou yangjie electr...
HER501 YANGJIE-HER501 Datasheet
192Kb / 2P
   High Efficient Rectifier
HER501G YANGJIE-HER501G Datasheet
188Kb / 2P
   High Efficient Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com