Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5214 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5214
Description  14-/16-Bit, Low-Power, High-Performance, Buffered Single DACs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5214 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5214 Datasheet HTML 2Page - Maxim Integrated Products MAX5214 Datasheet HTML 3Page - Maxim Integrated Products MAX5214 Datasheet HTML 4Page - Maxim Integrated Products MAX5214 Datasheet HTML 5Page - Maxim Integrated Products MAX5214 Datasheet HTML 6Page - Maxim Integrated Products MAX5214 Datasheet HTML 7Page - Maxim Integrated Products MAX5214 Datasheet HTML 8Page - Maxim Integrated Products MAX5214 Datasheet HTML 9Page - Maxim Integrated Products MAX5214 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6 ______________________________________________________________________________________
14-/16-Bit, Low-Power,
High-Performance, Buffered Single DACs
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
DIFFERENTIAL NONLINEARITY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.7
4.2
3.7
3.2
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
2.7
5.2
MAX5216
MAX
MIN
DIFFERENTIAL NONLINEARITY
vs. TEMPERATURE
TEMPERATURE (°C)
MAX
MIN
100
80
40
60
0
20
-20
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
-40
MAX5214
VDD = 5V
DIFFERENTIAL NONLINEARITY
vs. TEMPERATURE
TEMPERATURE (°C)
MAX
MIN
100
80
40
60
0
20
-20
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
-40
MAX5216
VDD = 5V
OFFSET ERROR vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.2
4.7
4.2
3.7
3.2
0.25
0.50
0.75
1.00
1.25
0
2.7
MAX5214
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (°C)
0.40
0.60
0.80
1.00
1.20
0
0.20
100
80
40
60
0
20
-20
-40
MAX5216
VDD = 5V
OFFSET ERROR vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.2
4.7
4.2
3.7
3.2
0.25
0.50
0.75
1.00
1.25
0
2.7
MAX5216
FULL-SCALE OUTPUT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.7
4.2
3.7
3.2
2.4987
2.4989
2.4991
2.4993
2.4995
2.4985
2.7
MAX5214
VREF = 2.5V
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (°C)
0.25
0.50
0.75
1.00
1.25
0
100
80
40
60
0
20
-20
-40
MAX5214
VDD = 5V
FULL-SCALE OUTPUT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.7
5.2
4.2
3.7
3.2
2.4987
2.4989
2.4991
2.4993
2.4995
2.4985
2.7
MAX5216
VREF = 2.5V


Similar Part No. - MAX5214

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX521 MAXIM-MAX521 Datasheet
274Kb / 20P
   Quad/Octal, 2-Wire Serial 8-Bit DACs with Rail-to-Rail Outputs
Rev 3; 9/96
MAX5215 MAXIM-MAX5215 Datasheet
7Mb / 27P
   14-/16-Bit, Low-Power, Buffered Output,Rail-to-Rail DACs with I2C Interface
Rev 0; 11/12
MAX5215GUA MAXIM-MAX5215GUA Datasheet
7Mb / 27P
   14-/16-Bit, Low-Power, Buffered Output,Rail-to-Rail DACs with I2C Interface
Rev 0; 11/12
MAX5216 MAXIM-MAX5216 Datasheet
1Mb / 12P
   MAX5216 Evaluation Kit
Rev 0; 6/11
MAX5216 MAXIM-MAX5216 Datasheet
1Mb / 12P
   MAX5216 Evaluation Kit
Rev 0; 6/11
More results

Similar Description - MAX5214

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5138 MAXIM-MAX5138_12 Datasheet
483Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 2; 10/12
MAX5138 MAXIM-MAX5138 Datasheet
360Kb / 17P
   Low-Power, Single, 16-/12-Bit, Buffered Voltage-Output DACs
Rev 1; 4/09
MAX5215 MAXIM-MAX5215 Datasheet
7Mb / 27P
   14-/16-Bit, Low-Power, Buffered Output,Rail-to-Rail DACs with I2C Interface
Rev 0; 11/12
logo
Linear Technology
LTC2642 LINER-LTC2642_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
LTC2000A LINER-LTC2000A_15 Datasheet
1Mb / 52P
   16-/14-/11-Bit 2.7Gsps DACs
LTC2641 LINER-LTC2641_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
LTC2000 LINER-LTC2000_15 Datasheet
1Mb / 52P
   16-/14-/11-Bit 2.5Gsps DACs
logo
Analog Devices
LTC2000 AD-LTC2000 Datasheet
1Mb / 54P
   16-/14-/11-Bit 2.5Gsps DACs
logo
Linear Technology
LTC2000A LINER-LTC2000A Datasheet
1Mb / 54P
   16-/14-/11-Bit 2.7Gsps DACs
LTC1666 LINER-LTC1666_15 Datasheet
887Kb / 24P
   12-Bit, 14-Bit, 16-Bit, 50Msps DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com