Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1069 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1069
Description  58.6ksps, 14-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1069 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1069 Datasheet HTML 2Page - Maxim Integrated Products MAX1069 Datasheet HTML 3Page - Maxim Integrated Products MAX1069 Datasheet HTML 4Page - Maxim Integrated Products MAX1069 Datasheet HTML 5Page - Maxim Integrated Products MAX1069 Datasheet HTML 6Page - Maxim Integrated Products MAX1069 Datasheet HTML 7Page - Maxim Integrated Products MAX1069 Datasheet HTML 8Page - Maxim Integrated Products MAX1069 Datasheet HTML 9Page - Maxim Integrated Products MAX1069 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
58.6ksps, 14-Bit, 2-Wire Serial ADC
in a 14-Pin TSSOP
6
_______________________________________________________________________________________
Note 9: A master device must provide a data hold time for SDA (referred to VIL of SCL) in order to bridge the undefined region of
SCL’s falling edge (see Figure 1).
Note 10: CB = total capacitance of one bus line in pF. tR and tF measured between 0.3  VDVDD and 0.7  VDVDD.
Note 11: fSCL must meet the minimum clock low time plus the rise/fall times.
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = +4.75V to +5.25V, VDVDD = +2.7V to +5.5V, fSCL = 1.7MHz (33% duty cycle), fSAMPLE = 58.6ksps, VREF = +4.096V, external
reference applied to REF, REFADJ = AVDD, CREF = 10µF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Figure 1. I2C Serial Interface Timing
tHD,STA
tHD,STA
tHIGH
tHIGH
tR
tRCL
tF
tFCL
tHD,STA
S
Sr
A
SCL
SDA
tSU,STA
tSU,STO
tSU,STO
tRCL1
tR
tF
tBUF
tBUF
tLOW
tSU,DAT
tHD,DAT
tHD,DAT
PS
tSU,DAT
tHD,STA
S
Sr
A
SCL
SDA
tSU,STA
tLOW
P
S
HS-MODE
F/S-MODE
A. F/S-MODE I2C SERIAL INTERFACE TIMING
B. HS-MODE I2C SERIAL INTERFACE TIMING
tRDA
tFDA
PARAMETERS ARE MEASURED FROM 30% TO 70%.
Figure 2. Load Circuit
VOUT
VDD
IOL = 3mA
IOH = 0mA
400pF
DIGITAL
I/O


Similar Part No. - MAX1069

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1069 MAXIM-MAX1069 Datasheet
442Kb / 20P
   58.6ksps, 14-Bit, 2-Wire Serial ADC
19-2652; Rev 0; 10/02
MAX1069ACUD MAXIM-MAX1069ACUD Datasheet
442Kb / 20P
   58.6ksps, 14-Bit, 2-Wire Serial ADC
19-2652; Rev 0; 10/02
MAX1069BCUD MAXIM-MAX1069BCUD Datasheet
442Kb / 20P
   58.6ksps, 14-Bit, 2-Wire Serial ADC
19-2652; Rev 0; 10/02
MAX1069CCUD MAXIM-MAX1069CCUD Datasheet
442Kb / 20P
   58.6ksps, 14-Bit, 2-Wire Serial ADC
19-2652; Rev 0; 10/02
More results

Similar Description - MAX1069

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1169 MAXIM-MAX1169 Datasheet
304Kb / 20P
   58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP
Rev 1; 12/09
MAX1169N MAXIM-MAX1169N Datasheet
364Kb / 20P
   58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP
Rev 0; 10/02
MAX1169 MAXIM-MAX1169_10 Datasheet
764Kb / 20P
   58.6ksps, 16-Bit, 2-Wire Serial ADC in a 14-Pin TSSOP
Rev 2; 12/10
MAX1069 MAXIM-MAX1069 Datasheet
442Kb / 20P
   58.6ksps, 14-Bit, 2-Wire Serial ADC
19-2652; Rev 0; 10/02
logo
International Rectifier
TSSOP-14PIN IRF-TSSOP-14PIN Datasheet
19Kb / 1P
   TSSOP Package 14-Pin
logo
Linear Technology
LTC2312-14 LINER-LTC2312-14_15 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2312-14 LINER-LTC2312-14 Datasheet
626Kb / 22P
   14-Bit, 500ksps Serial Sampling ADC in TSOT
LTC2314-14 LINER-LTC2314-14 Datasheet
984Kb / 20P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
LTC2313-14 LINER-LTC2313-14_15 Datasheet
1Mb / 22P
   14-Bit, 2.5Msps Serial Sampling ADC in TSOT
LTC2314-14 LINER-LTC2314-14_15 Datasheet
668Kb / 22P
   14-Bit, 4.5Msps Serial Sampling ADC in TSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com