Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP90R500C3 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPP90R500C3
Description  CoolMOS??Power Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP90R500C3 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPP90R500C3 Datasheet HTML 1Page - Infineon Technologies AG IPP90R500C3 Datasheet HTML 2Page - Infineon Technologies AG IPP90R500C3 Datasheet HTML 3Page - Infineon Technologies AG IPP90R500C3 Datasheet HTML 4Page - Infineon Technologies AG IPP90R500C3 Datasheet HTML 5Page - Infineon Technologies AG IPP90R500C3 Datasheet HTML 6Page - Infineon Technologies AG IPP90R500C3 Datasheet HTML 7Page - Infineon Technologies AG IPP90R500C3 Datasheet HTML 8Page - Infineon Technologies AG IPP90R500C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IPP90R500C3
CoolMOS
Power Transistor
Features
• Lowest figure-of-merit RON x Qg
• Extreme dv/dt rated
• High peak current capability
• Qualified according to JEDEC
1) for target applications
• Pb-free lead plating; RoHS compliant
• Ultra low gate charge
CoolMOS™ 900V is designed for:
• Quasi Resonant Flyback / Forward topologies
• PC Silverbox and consumer applications
• Industrial SMPS
Maximum ratings, at T J=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T C=25 °C
A
T C=100 °C
Pulsed drain current
2)
I D,pulse
T C=25 °C
Avalanche energy, single pulse
E AS
I D=2.2 A, V DD=50 V
388
mJ
Avalanche energy, repetitive t AR
2),3)
E AR
I D=2.2 A, V DD=50 V
Avalanche current, repetitive t AR
2),3)
I AR
A
MOSFET dv /dt ruggedness
dv /dt
V DS=0...400 V
V/ns
Gate source voltage
V GS
static
V
AC (f>1 Hz)
Power dissipation
P tot
T C=25 °C
W
Operating and storage temperature
T J, T stg
°C
Mounting torque
M3 and M3.5 screws
60
Ncm
Value
11
6.8
24
±30
156
-55 ... 150
0.74
2.2
50
±20
V DS @ T J=25°C
900
V
R DS(on),max @ T J= 25°C
0.5
Q g,typ
68
nC
Product Summary
PG-TO220
Type
Package
Marking
IPP90R500C3
PG-TO220
9R500C
Rev. 1.0
page 1
2008-07-29


Similar Part No. - IPP90R500C3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPP90R500C3 ISC-IPP90R500C3 Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IPP90R500C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB60R165CP INFINEON-IPB60R165CP Datasheet
335Kb / 10P
   CoolMOS Power Transistor
Rev. 2.1 2009-06-05
IPW60R045CP INFINEON-IPW60R045CP Datasheet
355Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPI60R199CP INFINEON-IPI60R199CP Datasheet
323Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
IPP60R199CP INFINEON-IPP60R199CP Datasheet
338Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-06-19
SPA11N60CFD INFINEON-SPA11N60CFD Datasheet
262Kb / 12P
   CoolMOS Power Transistor
Rev. 1.2 2006-05-15
IPW60R299CP INFINEON-IPW60R299CP Datasheet
353Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
SPA06N60C3 INFINEON-SPA06N60C3 Datasheet
202Kb / 10P
   CoolMOS Power Transistor
Rev. 1.0 2004-04-27
IPD60R385CP INFINEON-IPD60R385CP Datasheet
350Kb / 10P
   CoolMOS Power Transistor
Rev. 2.0 2006-04-04
IPW90R340C3 INFINEON-IPW90R340C3 Datasheet
761Kb / 11P
   CoolMOS Power Transistor
2008-07-29 revision:1.0
IPA60R125CP INFINEON-IPA60R125CP_07 Datasheet
562Kb / 10P
   CoolMos Power Transistor
2007-11-30 revision:2.1
SPA11N60CFD_1012 INFINEON-SPA11N60CFD_1012 Datasheet
560Kb / 12P
   CoolMOS Power Transistor
Rev. 1.4 2010-12-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com