Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC602 Datasheet(PDF) 1 Page - EIC discrete Semiconductors

Part # GBPC602
Description  GLASS PASSIVATED SINGLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

GBPC602 Datasheet(HTML) 1 Page - EIC discrete Semiconductors

  GBPC602 Datasheet HTML 1Page - EIC discrete Semiconductors GBPC602 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GBPC6005 - GBPC610
GLASS PASSIVATED SINGLE-
PHASE BRIDGE RECTIFIERS
PRV : 50 - 1000 Volts
Io : 6.0 Amperes
FEATURES :
* Glass passivated chip
* High surge current capability
* High current capability
* High reliability
* Low reverse current
* Low forward voltage drop
* Ideal for printed circuit board
* Pb / RoHS Free
MECHANICAL DATA :
* Case : Reliable low cost construction
utilizing molded plastic technique
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per
MIL - STD 202 , Method 208 guaranteed
* Polarity : Polarity symbols marked on case
* Mounting position : Any
* Weight : 3.6 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise noted.
GBPC GBPC GBPC GBPC GBPC GBPC GBPC
6005
601
602
604
606
608
610
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Current Tc = 50 °C
(1, 2)
IF(AV)
A
Peak Forward Surge Current Single Sine Wave
Superimposed on Rated Load
Rating for fusing ( t < 8.3 ms)
I
2tA2sec
Maximum Instantaneous Forward
at IF =3 A.
Voltage Drop Per Leg
Maximum DC Reverse Current at
Ta = 25 °C
IR
μA
Rated DC Blocking Voltage Per Leg
Ta = 125 °C
IR(H)
μA
Typical Junction Capacitance Per Leg(at 4 V, 1MHz)
CJ
pF
Typical Thermal Resistance Per Leg
(1)
RӨJA
°C/W
RӨJC
°C/W
Operating Junction and Storage Temperature Range
TJ, TSTG
°C
Notes :
(1) Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer with #6 screw
(2) Unit mounted on 5.5 x 6.0 x 0.11" thick (14 x 15 x 0.3 cm) Al. Plate
Page 1 of 2
Rev. 01 : August 2, 2006
7.3
- 55 to + 150
127
5
500
22
V
VF
1.0
186
90
IFSM
175
A
RATING
SYMBOL
UNIT
6.0
0.27 (6.9)
0.23 (5.8)
AC
AC
Dimensions in inches and ( millimeters )
BR6
0.62 (15.75)
0.58 (14.73)
0.127 (3.20)
0.047 (1.20)
0.445 (11.30)
0.405 (10.30)
0.158 (4.00)
0.142 (3.60)
0.042 (1.06)
0.038 (0.96)
0.75 (19.1)
Min.
Certificate TH97/10561QM
Certificate TW00/17276EM


Similar Part No. - GBPC602

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
GBPC602 CHENYI-GBPC602 Datasheet
205Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
GBPC602 GE-GBPC602 Datasheet
84Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC602 VISHAY-GBPC602 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
logo
TAITRON Components Inco...
GBPC602 TAITRON-GBPC602 Datasheet
210Kb / 4P
   6.0A Glass Passivated Bridge Rectifier
logo
Vishay Siliconix
GBPC602 VISHAY-GBPC602 Datasheet
99Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 15-Apr-08
More results

Similar Description - GBPC602

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
GBPC25005 EIC-GBPC25005 Datasheet
100Kb / 2P
   GLASS PASSIVATED SINGLE
logo
Kwang Myoung I.S. CO.,L...
KBJ401 KISEMICONDUCTOR-KBJ401 Datasheet
1Mb / 2P
   GLASS PASSIVATED SINGLE
logo
SUNMATE electronic Co.,...
MB2M SUNMATE-MB2M Datasheet
346Kb / 2P
   GLASS PASSIVATED SINGLE
logo
Rectron Semiconductor
W005L RECTRON-W005L_10 Datasheet
121Kb / 3P
   SINGLE-PHASE GLASS PASSIVATED
logo
WILLAS ELECTRONIC CORP
2W005 WILLAS-2W005 Datasheet
415Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED
logo
Rectron Semiconductor
RBU1501M RECTRON-RBU1501M Datasheet
244Kb / 6P
   SINGLE-PHASE GLASS PASSIVATED
MD7SJ-T-A01 RECTRON-MD7SJ-T-A01 Datasheet
110Kb / 6P
   SINGLE-PHASE GLASS PASSIVATED
logo
HY ELECTRONIC CORP.
GBU10005 HY-GBU10005 Datasheet
91Kb / 2P
   GLASS PASSIVATED GLASS PASSIVATED
KBP2005G HY-KBP2005G_17 Datasheet
143Kb / 3P
   GLASS PASSIVATED GLASS PASSIVATED
logo
Cystech Electonics Corp...
MB1ST08 CYSTEKEC-MB1ST08 Datasheet
291Kb / 3P
   Miniature Glass Passivated Single Phase
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com