Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UBA2071AT Datasheet(PDF) 8 Page - NXP Semiconductors

Part # UBA2071AT
Description  Half bridge control IC for CCFL backlighting
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2071AT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button UBA2071AT Datasheet HTML 4Page - NXP Semiconductors UBA2071AT Datasheet HTML 5Page - NXP Semiconductors UBA2071AT Datasheet HTML 6Page - NXP Semiconductors UBA2071AT Datasheet HTML 7Page - NXP Semiconductors UBA2071AT Datasheet HTML 8Page - NXP Semiconductors UBA2071AT Datasheet HTML 9Page - NXP Semiconductors UBA2071AT Datasheet HTML 10Page - NXP Semiconductors UBA2071AT Datasheet HTML 11Page - NXP Semiconductors UBA2071AT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
UBA2071_A_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 23 June 2008
8 of 35
NXP Semiconductors
UBA2071; UBA2071A
Half bridge control IC for CCFL backlighting
8.2 VDD clamp
When the UBA2071 is disabled (EN pin low) or in the stop state, the VDD clamp is
activated. The VDD clamp is an internal active zener limiting the voltage to Vclamp(VDD). It
prevents the start-up current source from charging the VDD buffer capacitor to too high a
voltage.
The maximum current that is allowed to be delivered by the start-up current source is
determined by the clamp voltage as stated in Table 6 and the maximum allowed VDD
voltage as stated in Table 4.
The UBA2071A has no VDD clamp.
8.3 Enable
The UBA2071 or UBA2071A can be activated or set to standby via the EN pin. If the
voltage on the EN pin is below Vth(L)(EN), the IC will stop oscillating at the next GL high
state2, and most parts of the internal circuits will shut down. When the EN pin is left open,
it is pulled low by an internal bias current of Ibias(EN).
When the voltage on the EN pin comes above Vth(H)1(EN), the IC will start up in
DC blocking capacitor charging mode (see Section 8.8). When the voltage on the EN pin
goes over Vth(H)2(EN), the IC will start with the initial ignition frequency sweep (see
Section 8.8) and subsequently go to normal operation mode again.
8.4 The oscillator
The UBA2071 and UBA2071A have an internal voltage controlled sawtooth oscillator, see
Figure 5. Its frequency inverses in proportion to the capacitor connected to the CF pin.
The IC switches GL on and GH off during one oscillator period and GL off and GH on
during the next oscillator period. This results in a half bridge voltage with a frequency
(called the switching frequency fsw from here on) of half the oscillator frequency and with a
duty cycle of exactly 50 %.
The oscillator frequency is controlled by changing the charge current at the CF pin. By
changing the frequency the lamp current is controlled. It is also used to limit the
transformer output voltage and for gradually switching the lamps on and off during PWM
dimming.
2.
When both GH and GL are low during the lamps off period of PWM dimming (so PWMD is high), the IC will wait with entering the
standby state until PWMD becomes low again and GL can be made high.


Similar Part No. - UBA2071AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2070 PHILIPS-UBA2070 Datasheet
110Kb / 20P
   600 V CCFL ballast driver IC
2002 Oct 24
UBA2070P PHILIPS-UBA2070P Datasheet
110Kb / 20P
   600 V CCFL ballast driver IC
2002 Oct 24
UBA2070T PHILIPS-UBA2070T Datasheet
110Kb / 20P
   600 V CCFL ballast driver IC
2002 Oct 24
UBA2072 PHILIPS-UBA2072 Datasheet
1Mb / 28P
   Low Voltage Full-bridge control IC for CCFL backlighting
Rev. 08.0-February 2007
UBA2072T PHILIPS-UBA2072T Datasheet
1Mb / 28P
   Low Voltage Full-bridge control IC for CCFL backlighting
Rev. 08.0-February 2007
More results

Similar Description - UBA2071AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2072 PHILIPS-UBA2072 Datasheet
1Mb / 28P
   Low Voltage Full-bridge control IC for CCFL backlighting
Rev. 08.0-February 2007
UBA2074 NXP-UBA2074 Datasheet
1Mb / 33P
   High Voltage Full-bridge control IC for CCFL backlighting
Rev. 02.0-February 2007
logo
ON Semiconductor
FLS2100XS ONSEMI-FLS2100XS Datasheet
565Kb / 15P
   Half-Bridge LLC Resonant Control IC for Lighting
December 2010 Rev.1.0.0
logo
International Rectifier
IRS27951S IRF-IRS27951S_15 Datasheet
550Kb / 28P
   RESONANT HALF-BRIDGE CONVERTER CONTROL IC
IRS2548D IRF-IRS2548D Datasheet
325Kb / 22P
   SMPS/LED DRIVER PFC HALF-BRIDGE CONTROL IC
logo
Fairchild Semiconductor
FLS1600XS FAIRCHILD-FLS1600XS Datasheet
562Kb / 13P
   FLS-XS Series ??Half-Bridge LLC Resonant Control IC for Lighting
logo
Maxim Integrated Produc...
MAX8729 MAXIM-MAX8729 Datasheet
395Kb / 26P
   Constant-Frequency, Half-Bridge CCFL Inverter Controller
Rev 0; 8/05
logo
International Rectifier
IRS2158D IRF-IRS2158D Datasheet
773Kb / 30P
   Ballast control and half-bridge driver in one IC
logo
NXP Semiconductors
UBA2080 PHILIPS-UBA2080 Datasheet
587Kb / 15P
   Half-bridge driver IC
Rev. 1.1-6 December 2011
NWP2081T PHILIPS-NWP2081T Datasheet
105Kb / 12P
   Half-bridge driver IC
Rev. 1-3 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com