Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UBA2071T Datasheet(PDF) 9 Page - NXP Semiconductors

Part # UBA2071T
Description  Half bridge control IC for CCFL backlighting
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2071T Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button UBA2071T Datasheet HTML 5Page - NXP Semiconductors UBA2071T Datasheet HTML 6Page - NXP Semiconductors UBA2071T Datasheet HTML 7Page - NXP Semiconductors UBA2071T Datasheet HTML 8Page - NXP Semiconductors UBA2071T Datasheet HTML 9Page - NXP Semiconductors UBA2071T Datasheet HTML 10Page - NXP Semiconductors UBA2071T Datasheet HTML 11Page - NXP Semiconductors UBA2071T Datasheet HTML 12Page - NXP Semiconductors UBA2071T Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
UBA2071_A_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 23 June 2008
9 of 35
NXP Semiconductors
UBA2071; UBA2071A
Half bridge control IC for CCFL backlighting
8.5 Non-overlap
During each transition between the two states GL high/GH low and GL low/GH high, GL
and GH will both be low for a fixed time tno (non-overlap time) to allow the half bridge point
to be charged or discharged by the load current (presuming the load always has an
inductive behavior), and thus enabling zero voltage switching, see Figure 5.
8.6 Low-side and high-side drivers
The low-side and high-side drivers are identical. The output of each driver is connected to
the equivalent gate of an external power MOSFET. The high-side driver is supplied by the
bootstrap capacitor, which is charged from the VDD voltage via an internal diode when the
low-side power MOSFETs is on. The low-side driver is directly supplied by the VDD
voltage.
8.7 DC blocking capacitor charging
When the IC is off, either because VVDD is too low, it is disabled via the EN pin, or it
stopped after the time-out period during a fault condition, the low-side power switch
(QLS in Figure 3) is turned on by making GL high. This ensures that the supply buffer
capacitor of the floating supply (CFS in Figure 3) is fully charged at start-up. As a side
effect the DC blocking capacitor (Cblock in Figure 3) will be completely discharged at
start-up. To prevent large inrush currents during the first switching cycles the UBA2071
and UBA2071A can first charge the DC blocking capacitor at start-up.
Fig 5.
Oscillator, driver and half bridge voltages
t
VCF
VCFH
0
t
VGH − VSH
VDD
0
t
VGL
VDD
0
t
VHB
VHV
0
tno
014aaa102


Similar Part No. - UBA2071T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2070 PHILIPS-UBA2070 Datasheet
110Kb / 20P
   600 V CCFL ballast driver IC
2002 Oct 24
UBA2070P PHILIPS-UBA2070P Datasheet
110Kb / 20P
   600 V CCFL ballast driver IC
2002 Oct 24
UBA2070T PHILIPS-UBA2070T Datasheet
110Kb / 20P
   600 V CCFL ballast driver IC
2002 Oct 24
UBA2072 PHILIPS-UBA2072 Datasheet
1Mb / 28P
   Low Voltage Full-bridge control IC for CCFL backlighting
Rev. 08.0-February 2007
UBA2072T PHILIPS-UBA2072T Datasheet
1Mb / 28P
   Low Voltage Full-bridge control IC for CCFL backlighting
Rev. 08.0-February 2007
More results

Similar Description - UBA2071T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2072 PHILIPS-UBA2072 Datasheet
1Mb / 28P
   Low Voltage Full-bridge control IC for CCFL backlighting
Rev. 08.0-February 2007
UBA2074 NXP-UBA2074 Datasheet
1Mb / 33P
   High Voltage Full-bridge control IC for CCFL backlighting
Rev. 02.0-February 2007
logo
ON Semiconductor
FLS2100XS ONSEMI-FLS2100XS Datasheet
565Kb / 15P
   Half-Bridge LLC Resonant Control IC for Lighting
December 2010 Rev.1.0.0
logo
International Rectifier
IRS27951S IRF-IRS27951S_15 Datasheet
550Kb / 28P
   RESONANT HALF-BRIDGE CONVERTER CONTROL IC
IRS2548D IRF-IRS2548D Datasheet
325Kb / 22P
   SMPS/LED DRIVER PFC HALF-BRIDGE CONTROL IC
logo
Fairchild Semiconductor
FLS1600XS FAIRCHILD-FLS1600XS Datasheet
562Kb / 13P
   FLS-XS Series ??Half-Bridge LLC Resonant Control IC for Lighting
logo
Maxim Integrated Produc...
MAX8729 MAXIM-MAX8729 Datasheet
395Kb / 26P
   Constant-Frequency, Half-Bridge CCFL Inverter Controller
Rev 0; 8/05
logo
International Rectifier
IRS2158D IRF-IRS2158D Datasheet
773Kb / 30P
   Ballast control and half-bridge driver in one IC
logo
NXP Semiconductors
UBA2080 PHILIPS-UBA2080 Datasheet
587Kb / 15P
   Half-bridge driver IC
Rev. 1.1-6 December 2011
NWP2081T PHILIPS-NWP2081T Datasheet
105Kb / 12P
   Half-bridge driver IC
Rev. 1-3 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com