Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UBA2071T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UBA2071T
Description  Half bridge control IC for CCFL backlighting
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UBA2071T Datasheet(HTML) 2 Page - NXP Semiconductors

  UBA2071T Datasheet HTML 1Page - NXP Semiconductors UBA2071T Datasheet HTML 2Page - NXP Semiconductors UBA2071T Datasheet HTML 3Page - NXP Semiconductors UBA2071T Datasheet HTML 4Page - NXP Semiconductors UBA2071T Datasheet HTML 5Page - NXP Semiconductors UBA2071T Datasheet HTML 6Page - NXP Semiconductors UBA2071T Datasheet HTML 7Page - NXP Semiconductors UBA2071T Datasheet HTML 8Page - NXP Semiconductors UBA2071T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
UBA2071_A_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 23 June 2008
2 of 35
NXP Semiconductors
UBA2071; UBA2071A
Half bridge control IC for CCFL backlighting
I Bidirectional pin acting both as fault signaling output and input, allowing external fault
interfacing to operate via the integrated fault timer.
I Brightness level adjustment through PWM dimming.
I Integrated PWM generator.
I Power-down mode.
I Communication pin for master / slave operation.
I DC blocking capacitor pre-charging sequence.
I Supply clamp (UBA2071 only).
3.
Applications
I LCD-backlighting, including LCD-TV and LCD-monitor applications. The IC is intended
to drive and control a half bridge inverter with resonant load circuit for CCFLs, but can
also drive an array of External Electrode Fluorescent Lamps (EEFLs).
4.
Quick reference data
Table 1.
Quick reference data.
Tamb =25 °C; VVDD =12V; RIREF =33kΩ;VEN =VVDD and CPWM connected to a capacitor, unless
otherwise specified. All voltages are measured with respect to signal ground (SGND, pin 10). SGND
and PGND connected together. Currents are positive when flowing into the IC.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VSH
voltage on pin SH
-
-
550
V
VVDD
voltage on pin VDD
-
-
14
V
IVDD
current on pin VDD
EN pin grounded;
VVDD = 14.0 V;
UBA2071AT and
UBA2071ATS
-
-
0.22
mA
oscillating at fsw(min);
CCF = 100 pF
1.2
1.5
1.8
mA
disabled;
VVDD =11V
-
0.16
-
mA
oscillating;
CF = 100 pF;
GL and GH open
-
1.5
-
mA
CCF = 100 pF;
VPWMD =H;
VCSWP =0V
1.0
1.2
1.4
mA
fsw(min)
minimum switching
frequency
CCF = 100 pF
[1]
[2]
10
-
100
kHz
[1]
[2]
38
40
42
kHz
fsw(max)/fsw(min) maximum switching
frequency to
minimum switching
frequency ratio
2.2
2.4
2.6
kHz
Vref(creg)
current regulation
reference voltage
1.20
1.26
1.32
V


Similar Part No. - UBA2071T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2070 PHILIPS-UBA2070 Datasheet
110Kb / 20P
   600 V CCFL ballast driver IC
2002 Oct 24
UBA2070P PHILIPS-UBA2070P Datasheet
110Kb / 20P
   600 V CCFL ballast driver IC
2002 Oct 24
UBA2070T PHILIPS-UBA2070T Datasheet
110Kb / 20P
   600 V CCFL ballast driver IC
2002 Oct 24
UBA2072 PHILIPS-UBA2072 Datasheet
1Mb / 28P
   Low Voltage Full-bridge control IC for CCFL backlighting
Rev. 08.0-February 2007
UBA2072T PHILIPS-UBA2072T Datasheet
1Mb / 28P
   Low Voltage Full-bridge control IC for CCFL backlighting
Rev. 08.0-February 2007
More results

Similar Description - UBA2071T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2072 PHILIPS-UBA2072 Datasheet
1Mb / 28P
   Low Voltage Full-bridge control IC for CCFL backlighting
Rev. 08.0-February 2007
UBA2074 NXP-UBA2074 Datasheet
1Mb / 33P
   High Voltage Full-bridge control IC for CCFL backlighting
Rev. 02.0-February 2007
logo
ON Semiconductor
FLS2100XS ONSEMI-FLS2100XS Datasheet
565Kb / 15P
   Half-Bridge LLC Resonant Control IC for Lighting
December 2010 Rev.1.0.0
logo
International Rectifier
IRS27951S IRF-IRS27951S_15 Datasheet
550Kb / 28P
   RESONANT HALF-BRIDGE CONVERTER CONTROL IC
IRS2548D IRF-IRS2548D Datasheet
325Kb / 22P
   SMPS/LED DRIVER PFC HALF-BRIDGE CONTROL IC
logo
Fairchild Semiconductor
FLS1600XS FAIRCHILD-FLS1600XS Datasheet
562Kb / 13P
   FLS-XS Series ??Half-Bridge LLC Resonant Control IC for Lighting
logo
Maxim Integrated Produc...
MAX8729 MAXIM-MAX8729 Datasheet
395Kb / 26P
   Constant-Frequency, Half-Bridge CCFL Inverter Controller
Rev 0; 8/05
logo
International Rectifier
IRS2158D IRF-IRS2158D Datasheet
773Kb / 30P
   Ballast control and half-bridge driver in one IC
logo
NXP Semiconductors
UBA2080 PHILIPS-UBA2080 Datasheet
587Kb / 15P
   Half-bridge driver IC
Rev. 1.1-6 December 2011
NWP2081T PHILIPS-NWP2081T Datasheet
105Kb / 12P
   Half-bridge driver IC
Rev. 1-3 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com